Electronic Components Datasheet Search
  English  ▼

X  

709.CF Datasheet(PDF) 1 Page - IDEAL-TEK SA

Part # 709.CF
Description  Full Plastic Tweezers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA

709.CF Datasheet(HTML) 1 Page - IDEAL-TEK SA

  709.CF Datasheet HTML 1Page - IDEAL-TEK SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Datasheet
ideal-tek.com
REV.00
Product code:
709.CF
Product type:
Full Plastic Tweezers
Made in:
Switzerland
Description:
Type 709 full Plastic tweezers are suitable to applications which require holding a very fragile
flat component. The Carbon Fiber reinforced ESD Plastic provides the tweezers with ESD and
non-scratching properties.
Tip description:
straight, very fine, short, flat
Body material:
Plastic reinforced with Carbon Fiber (CF)
Picture:
Tweezer dimensions:
OAL
115.0 mm – 4.528 inch
Width
11.5 mm – 0.453 inch
Height
14.0 mm – 0.551 inch
a
Tip dimensions:
Tip width
3.50 mm – 0.138 inch
Tip thickness 0.20 mm – 0.008 inch
Tip details:


Similar Part No. - 709.CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
709 ETC2-709 Datasheet
335Kb / 1P
T-1 3/4 STANDARD MIDGET GROOVE
logo
American Beauty Tools
709 AMERICANBEAUTY-709 Datasheet
1Mb / 2P
40 WATT, 1/4" PENCIL-STYLE SOLDERING IRON
logo
Qualtek Electronics Cor...
709-00-00 QUALTEK-709-00-00 Datasheet
303Kb / 1P
REWIRABLE PLUG ASSEMBLY
logo
Apex Electronics Co., L...
709-1 APEX-ELECTRONICS-709-1 Datasheet
506Kb / 3P
Toggle switches
logo
WAGO Kontakttechnik Gmb...
709-154 WAGO-709-154 Datasheet
1Mb / 11P
2-conductor through terminal block; 16 mm²; center marking; for DIN-rail 35 x 15 and 35 x 7.5; CAGE CLAMP®; 16,00 mm²; blue
24.09.2020
More results

Similar Description - 709.CF

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
00CCFR.SA.1 IDEAL-TEK-00CCFR.SA.1 Datasheet
438Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
242BCCFR.SA.1 IDEAL-TEK-242BCCFR.SA.1 Datasheet
453Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
242CCFR.SA.1 IDEAL-TEK-242CCFR.SA.1 Datasheet
440Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
249CCFR.SA.1 IDEAL-TEK-249CCFR.SA.1 Datasheet
456Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
259CCFR.SA.1 IDEAL-TEK-259CCFR.SA.1 Datasheet
439Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 02.12.2022
277CCFR.SA.1 IDEAL-TEK-277CCFR.SA.1 Datasheet
453Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
279CCFR.SA.1 IDEAL-TEK-279CCFR.SA.1 Datasheet
474Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
3CCFR.SA.1 IDEAL-TEK-3CCFR.SA.1 Datasheet
459Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 01.12.2022
5CCFR.SA.1 IDEAL-TEK-5CCFR.SA.1 Datasheet
234Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 01.12.2022
5UFCCFR.SA.1 IDEAL-TEK-5UFCCFR.SA.1 Datasheet
437Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com