Electronic Components Datasheet Search
  English  ▼

X  

D3V Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D3V
Description  Reliable Basic Switch with External Lever
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V Datasheet(HTML) 2 Page - Omron Electronics LLC

  D3V Datasheet HTML 1Page - Omron Electronics LLC D3V Datasheet HTML 2Page - Omron Electronics LLC D3V Datasheet HTML 3Page - Omron Electronics LLC D3V Datasheet HTML 4Page - Omron Electronics LLC D3V Datasheet HTML 5Page - Omron Electronics LLC D3V Datasheet HTML 6Page - Omron Electronics LLC D3V Datasheet HTML 7Page - Omron Electronics LLC D3V Datasheet HTML 8Page - Omron Electronics LLC D3V Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
D3V
Miniature Basic Switch
D
3
V
List of Models
●21 A (OF: 1.23 N {125 gf})
Note. If you need mounting hole 2.9 mm, add "-K" at last of model.
Consult your OMRON sales representative when you can't find a model on this List of Models.
●16 A (OF: 1.96 N {200 gf})
Note. If you need mounting hole 2.9 mm, add "-K" at last of model.
Consult your OMRON sales representative when you can't find a model on this List of Models.
Terminals
Quick-connect
terminals (#250)
(C)
Ratings
Contact gap
Actuators
Contact form
Maximum operating
force (OF)
21 A
0.5 mm
(G gap)
Pin plunger
SPDT
1.23 N {125 gf}
D3V-21G-1C4A
SPDT-NC
-
SPDT-NO
-
Short hinge lever
SPDT
1.23 N {125 gf}
D3V-21G1-1C4A
SPDT-NC
-
SPDT-NO
-
Hinge lever
SPDT
0.78 N {80 gf}
D3V-21G2-1C4A
SPDT-NC
-
SPDT-NO
-
Long hinge lever
SPDT
0.44 N {45 gf}
D3V-21G3-1C4A
SPDT-NC
-
SPDT-NO
-
Simulated roller lever
SPDT
0.83 N {85 gf}
D3V-21G4-1C4A
SPDT-NC
-
SPDT-NO
-
Short hinge roller lever
SPDT
1.42 N {145 gf}
D3V-21G5-1C4A
SPDT-NC
-
SPDT-NO
-
Hinge roller lever
SPDT
0.79 N {80 gf}
D3V-21G6-1C4A
SPDT-NC
-
SPDT-NO
-
Terminals
Solder terminals
(A)
Quick-connect
terminals (#187)
(C2)
Quick-connect
terminals (#250)
(C)
Ratings
Contact gap
Actuators
Contact form
Maximum operating
force (OF)
16 A
1 mm
(F gap)
Pin plunger
SPDT
1.96 N {200 gf}
D3V-16-1A5
D3V-16-1C25
D3V-16-1C5
SPDT-NC
D3V-16-2A5
D3V-16-2C25
D3V-16-2C5
SPDT-NO
D3V-16-3A5
D3V-16-3C25
D3V-16-3C5
Short hinge lever
SPDT
1.96 N {200 gf}
D3V-161-1A5
D3V-161-1C25
D3V-161-1C5
SPDT-NC
D3V-161-2A5
D3V-161-2C25
D3V-161-2C5
SPDT-NO
D3V-161-3A5
D3V-161-3C25
D3V-161-3C5
Hinge lever
SPDT
1.23 N {125 gf}
D3V-162-1A5
D3V-162-1C25
D3V-162-1C5
SPDT-NC
D3V-162-2A5
D3V-162-2C25
D3V-162-2C5
SPDT-NO
D3V-162-3A5
D3V-162-3C25
D3V-162-3C5
Long hinge lever
SPDT
0.69 N {70 gf}
D3V-163-1A5
D3V-163-1C25
D3V-163-1C5
SPDT-NC
D3V-163-2A5
D3V-163-2C25
D3V-163-2C5
SPDT-NO
D3V-163-3A5
D3V-163-3C25
D3V-163-3C5
Simulated roller lever
SPDT
1.23 N {125 gf}
D3V-164-1A5
D3V-164-1C25
D3V-164-1C5
SPDT-NC
D3V-164-2A5
D3V-164-2C25
D3V-164-2C5
SPDT-NO
D3V-164-3A5
D3V-164-3C25
D3V-164-3C5
Short hinge roller lever
SPDT
2.35 N {240 gf}
D3V-165-1A5
D3V-165-1C25
D3V-165-1C5
SPDT-NC
D3V-165-2A5
D3V-165-2C25
D3V-165-2C5
SPDT-NO
D3V-165-3A5
D3V-165-3C25
D3V-165-3C5
Hinge roller lever
SPDT
1.23 N {125 gf}
D3V-166-1A5
D3V-166-1C25
D3V-166-1C5
SPDT-NC
D3V-166-2A5
D3V-166-2C25
D3V-166-2C5
SPDT-NO
D3V-166-3A5
D3V-166-3C25
D3V-166-3C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com