Electronic Components Datasheet Search
  English  ▼

X  

ZC930 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZC930
Description  SILICON 12V HYPERABRUPT VARACTOR DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZC930 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZC930 Datasheet HTML 1Page - Zetex Semiconductors ZC930 Datasheet HTML 2Page - Zetex Semiconductors ZC930 Datasheet HTML 3Page - Zetex Semiconductors ZC930 Datasheet HTML 4Page - Zetex Semiconductors ZC930 Datasheet HTML 5Page - Zetex Semiconductors ZC930 Datasheet HTML 6Page - Zetex Semiconductors ZC930 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZC930, ZMV930 series
ISSUE 10 - JUNE 2007
2
PART
Capacitance
VR=1V
Capacitance
VR=2.5V
Capacitance
VR=4V
Minimum Q
VR=4V
f=50MHz
MIN. pF
MIN. pF
MAX. pF
MAX. pF
930
8.70
4.30
5.50
2.90
200
931
13.50
6.50
7.80
4.00
300
932
17.00
8.50
10.50
5.50
200
933
42.00
18.00
27.00
12.00
150
933A
42.00
20.25
24.75
12.00
150
934
95.00
40.00
65.00
25.00
80
934A
95.00
47.25
57.75
25.00
80
TUNING CHARACTERISTICS at Tamb = 25°C
PARAMETER
SYMBOL
MAX.
UNIT
Reverse voltage
VR
12
V
Forward current
IF
100
mA
Power dissipation at Tamb =25 CSOT23
Ptot
330
mW
Power dissipation at Tamb =25 CSOD323
Ptot
330
mW
Junction temperature
Tj
125
C
Storage temperature range
Tstg
-55 to +150
C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR =10uA
12
V
Reverse voltage leakage
VR = 8V
0.2
100
nA
Temperature coefficient of capacitance
VR = 3V, f = 1MHz
300
400
ppCm/ C
ELECTRICAL CHARACTERISTICS at Tamb = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com