Electronic Components Datasheet Search
  English  ▼

X  

D3D113 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D3D113
Description  9mm long stroke with its unique mechanism (plunger model)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3D113 Datasheet(HTML) 2 Page - Omron Electronics LLC

  D3D113 Datasheet HTML 1Page - Omron Electronics LLC D3D113 Datasheet HTML 2Page - Omron Electronics LLC D3D113 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
D3D
Miniature Door Switch
D
3
D
Characteristics
Mounting Holes (Unit: mm)
Dimensions (Unit: mm) and Operating Characteristics
The illustrations are for models with white housing as a representative. The
@ is replaced with the code for the housing color that you
need. See the "List of Models" for available combinations of models.
Note 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
Permissible operating speed
7.5 mm to 500 mm/s
Permissible
operating frequency
Mechanical
120 operations/min
Electrical
20 operations/min
Insulation resistance
100 M
Ω min. (at 500 VDC with insulation tester)
Contact resistance (initial value)
100 m
Ω max.
Dielectric strength
Between terminals of the
same polarity
1,000 VAC 50/60 Hz 1 min
Between current-carrying metal
parts and ground
1,500 VAC 50/60Hz 1 min
Between each terminals and
non-current-carrying metal parts
1,500 VAC 50/60Hz 1 min
Vibration resistance
*1
Malfunction
10 to 55Hz, 1.5 mm double amplitude
Shock resistance *1
Durability
490 m/s2 {approx. 49G} max.
Malfunction
300 m/s2 {approx. 30G} max.
Durability *2
Mechanical
300,000 operations min. (60 operations/min)
Electrical
50,000 operations min. (20 operations/min)
Degree of protection
IEC IP00
Degree of protection against electric shock
Class I
Proof tracking index (PTI)
250
Ambient operating temperature
−30°C to +60°C (at ambient humidity 60% max.)
(with no icing or condensation)
Ambient operating humidity
85% max. (for
+5 to +35°C)
Weight
Approx. 4g
Note. The given values are initial values.
*1.
Close or open circuit of the contact is 1 ms max.
*2.
For testing conditions, consult your OMRON sales
representative.
22.9 0
  
-0.1
11.2+0.1
0
Four, R1 MAX.
R
Direction of switch insertion
t=0.8 to 1.5mm
t
25
8.1 dia.
R3
R0.5
13.5
15
1.5
OP1
NC
COM
NO
OP2
6 dia.
15.75±0.2
6.5
A
2
15
10
11
11.4
●Plunger Models
D3D-11
@
D3D-12
@
D3D-13
@
Type
Plunger model
Operating
Characteristics
Model
D3D-11
@
D3D-12
@
D3D-13
@
Operating Force
Total Travel Force
OF
Max.
TTF Max.
2.0 N {204 gf}
3.5 N {357 gf}
Total Travel
TT
9.0 mm (reference value)
Operating Position OP
Min.
OP1 (NC-OFF)
13 mm
13 mm
(NC-OFF)
12 mm
(NO-ON)
OP2 (NO-ON)
12 mm
25
11.4
10
11
6
15.7±0.5
15
5.5
3
2
OP1
OP2
1.5
9±0.5
15
R1
2
(90°) A
NC
COM
NO
●Lever Models
D3D-21
@
D3D-22
@
D3D-23
@
Type
Lever model
Operating
Characteristics
Model
D3D-21
@
D3D-22
@
D3D-23
@
Operating Force
Total Travel Force
OF
Max.
TTF Max.
2.0 N {204 gf}
2.5 N {245 gf}
Total Travel
TT
9.7 mm (reference value)
Operating Position
OP
Min.
OP1 (NC-OFF)
13 mm
13 mm
(NC-OFF)
11.5 mm
(NO-ON)
OP2 (NO-ON)
11.5 mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com