Electronic Components Datasheet Search
  English  ▼

X  

79L12 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 79L12
Description  Linear Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

79L12 Datasheet(HTML) 1 Page - Silicon Supplies

  79L12 Datasheet HTML 1Page - Silicon Supplies 79L12 Datasheet HTML 2Page - Silicon Supplies 79L12 Datasheet HTML 3Page - Silicon Supplies 79L12 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
www.siliconsupplies.com
Die Size (Unsawn)
1000 x 940
39 x 37
µm
mils
Minimum Bond Pad Size
110 x 110
4.33 x 4.33
µm
mils
Die Thickness
280 (±20)
11 (±0.8)
µm
mils
Top Metal Composition
Al-Si-Cu 3µm
Back Metal Composition
N/A – Bare Si
Linear Voltage Regulator – 79L12
Negative Fixed 12V Voltage Regulator in bare die form
±5% VOUT tolerance
100mA Output Current
Internal thermal overload protection
Internal short circuit current limit
Full Military Temperature Range
Positive Voltage complement is 78L12
Rev 1.0
23/07/25
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
With Ti/Ni/Ag Back Metal – On request
In Metal or Ceramic package – On request
79L12 12V fixed 3-terminal negative voltage regulator
delivers up to 100mA output current & is equipped with
internal limiting + thermal shutdown features for
overload immunity. Implementing this device at point-
of-source removes the complexity of single point
regulation methods + reduces noise. In replacement
of a Zener diode/resistor combination, the device
improves output impedance by x2 order of magnitude
and delivers lower bias current with lower noise. The
79L12 can also be used with power-pass elements to
make high-current voltage regulators
.
Description
Die Dimensions in µm (mils)
1000 (39)


Similar Part No. - 79L12

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
Negative-Voltage Regulators
logo
Daya Electric Group Co....
79L12 DAYA-79L12 Datasheet
790Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Guangdong Youtai Semico...
79L12 UMW-79L12 Datasheet
3Mb / 6P
Three terminal negative voltage regulator
logo
Guangdong Huixin Electr...
79L12 HUIXIN-79L12 Datasheet
582Kb / 4P
3-Terminal Voltage Regulator
logo
Estek Electronics Co. L...
79L12A ESTEK-79L12A Datasheet
217Kb / 6P
fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications
More results

Similar Description - 79L12

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
Linear Voltage Regulator
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
Linear Voltage Regulator
7808 SS-7808 Datasheet
441Kb / 5P
Linear Voltage Regulator
7809 SS-7809 Datasheet
481Kb / 5P
Linear Voltage Regulator
7812 SS-7812 Datasheet
442Kb / 5P
Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
Linear Voltage Regulator
7815 SS-7815 Datasheet
481Kb / 5P
Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
Linear Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com