Electronic Components Datasheet Search
  English  ▼

X  

4191 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4191
Description  2 x AAA Battery Holder with On/Off Switch & JST PH Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4191 Datasheet(HTML) 1 Page - Adafruit Industries

  4191 Datasheet HTML 1Page - Adafruit Industries 4191 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2 x AAA Battery Holder with On/Off
Switch & JST PH Connector
PRODUCT ID: 4191
This battery holder connects 2 AAA batteries together in series for powering all
kinds of projects. We spec'd these out because the box is nicely slim, and 2
AAA's add up to about 3V for low-voltage electronics projects, plus it has a
nifty on-off switch.
Fits any standard AAA battery. When using rechargeable NiMH the output
voltage will range from about 2.7V with charged batteries to 1.8V at the end of
life with a nominal voltage of 2.4V. When using alkalines, the output will range
from 3.2V with new batteries to 2.2V at the end of life with a nominal voltage of
about 3V.
The polarity matches that of our 2-pin JST cable and Li-Ion/Poly batteries. Uses
a genuine JST connector so it won't 'catch and tear' in JST connectors.


Similar Part No. - 4191

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4191 SCHURTER-4191 Datasheet
262Kb / 2P
Power Supply Cord with NEMA 1-5p Power (Mains) Plug polarized, 2-pole, Straight
logo
Heyco.
4191 HEYCO-4191 Datasheet
112Kb / 1P
Lockit™ Loops and Clips
4191 HEYCO-4191 Datasheet
112Kb / 1P
Lockit Loops and Clips
logo
Wiha Tools
41914 WIHA-41914 Datasheet
7Mb / 16P
WORK IN A PERFECTLY PROTECTED WAY
41915 WIHA-41915 Datasheet
7Mb / 16P
WORK IN A PERFECTLY PROTECTED WAY
More results

Similar Description - 4191

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH421CS-GR ETC2-12BH421CS-GR Datasheet
81Kb / 1P
2 AAA Battery Holder with Leads, Cover, and Switch
12BH422D-GR ETC2-12BH422D-GR Datasheet
88Kb / 1P
2 AAA Battery Holder with Solder Tabs
12BH423-GR ETC2-12BH423-GR Datasheet
139Kb / 1P
Battery Holder 2 AAA
12BH425-GR ETC2-12BH425-GR Datasheet
77Kb / 1P
2 AAA Battery Holder with Leads
12BH431-GR ETC2-12BH431-GR Datasheet
83Kb / 1P
3 AAA Battery Holder with Leads
12BH441P-GR ETC2-12BH441P-GR Datasheet
236Kb / 1P
Battery Holder 4 AAA
122-0421-GR ETC2-122-0421-GR Datasheet
228Kb / 1P
2 AAA Battery Holder
logo
SparkFun Electronics
PRT-09925 SPARKFUN-PRT-09925 Datasheet
124Kb / 1P
Battery Holder 2xAA with Cover and Switch - JST Connector
PRT-14299 SPARKFUN-PRT-14299 Datasheet
78Kb / 1P
micro:bit Battery Holder - 2xAA (JST-PH)
6??0??7
PRT-15101 SPARKFUN-PRT-15101 Datasheet
115Kb / 2P
micro:bit Battery Holder - 2xAAA (JST-PH)
12??8??8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com