Electronic Components Datasheet Search
  English  ▼

X  

4277 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4277
Description  Adafruit PyGamer Starter Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4277 Datasheet(HTML) 2 Page - Adafruit Industries

  4277 Datasheet HTML 1Page - Adafruit Industries 4277 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The PyGamer is powered by our favorite chip, the ATSAMD51, with 512KB of
flash and 192KB of RAM. We add 8 MB of QSPI flash for file storage, handy for
images, fonts, sounds, or game assets.
On the front you get a 1.8" 160x128 color TFT display with dimmable backlight
- we have fast DMA support for drawing so updates are incredibly fast. A dual-
potentiometer analog stick gives you great control, with easy diagonal
movement - or really any direction you like. There are also 4 square-top
buttons, which fit the square top button caps. The buttons are arranged to
mimic a gaming handheld, with 2 menu-select buttons and 2 fire-action
buttons. There are also 5 NeoPixel LEDs to dazzle or track activity.
On the back we have a full Feather-compatible header socket set, so you can
plug in any FeatherWing to expand the capabilities of the PyGamer. There
are also 3 STEMMA connectors - two 3-pin with ADC/PWM capability and one 4-
pin that connects to I2C - you can use this for Grove sensors as well.
For built in sensors, there's a light sensor that points out the front, and a 3-axis
accelerometer that can detect taps and free-fall. To make bleeps and bloops,
plug in any set of stereo headphones. For projects where you need more
volume, you can plug in the 8 ohm speakers. The PyGamer will auto-switch to
headphones when they're plugged in, otherwise play through the speaker.
You can power the PyGamer from any of our LiPoly batteries, but we like this
350mAh one which will fit into the acrylic case. An on-off switch will save
battery power when not in use. Or power from the Micro USB port - it will also
charge up the battery if one is attached.
Kit Includes:
Adafruit PyGamer PCB
Adafruit PyGamer Acrylic Enclosure Kit
Mini Oval Speaker with Short Wires - 8 Ohm 1 Watt
Lithium Ion Polymer Battery with Short Cable - 3.7V 350mAh
Plastic Button Caps for Square Top (10-pack) - 8mm Diameter
Maker-Friendly Zipper Case (May be purple or royal blue)
No soldering required! Assembly takes an hour or so.
https://www.adafruit.com/product/4277/7-26-19



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com