Electronic Components Datasheet Search
  English  ▼

X  

4321 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4321
Description  M5StickV AI Camera - Kendryte K210 Chipset (no Wi Wi-Fi)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4321 Datasheet(HTML) 1 Page - Adafruit Industries

  4321 Datasheet HTML 1Page - Adafruit Industries 4321 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M5StickV AI Camera - Kendryte K210
Chipset (no Wi-Fi)
PRODUCT ID: 4321
The M5StickV AI Camera is a cute, tiny AI camera with capabilities spanning
from facial recognition/detection, object detection/classification, shape
recognition, detecting targets and sizes in real-time, among other video/audio
features. The camera is powered by Kendryte K210, an edge computing system-
on-chip with dual-core 64bit RISC-V CPU and state-of-art neural network
processor.
This module comes with the OmniVision OV7740 sensor, using the
OmniPixel®3-HS technology, providing a best-in-class low light sensitivity,
making it ideal for machine vision. In addition to an OV7740 sensor, M5StickV
features more hardware resources such as a speaker with built-in I2S Class-D
DAC, IPS screen, 6-axis IMU, 200mAh Li-po battery, and more. Note the battery


Similar Part No. - 4321

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4321 SCHURTER-4321 Datasheet
271Kb / 2P
Power Supply Cord with CH Power (Mains) Plug 3-pole, Straight
logo
Visual Communications C...
4321 VCC-4321 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Heyco.
4321 HEYCO-4321 Datasheet
105Kb / 1P
PVC and Nylon LED Spacers
4321 HEYCO-4321 Datasheet
115Kb / 1P
Surface Mount Miniature Connectors
logo
List of Unclassifed Man...
4321-AQ0025 ETC1-4321-AQ0025 Datasheet
122Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
More results

Similar Description - 4321

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ISENSOR MICROCHIP-ISENSOR Datasheet
147Kb / 1P
Wi-Fi Temperature Sensor
pass
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
World Produts Inc.
WPANT10032 WPI-WPANT10032 Datasheet
111Kb / 3P
Wi-Fi Embedded Antenna
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
Wi-Fi Embedded Antenna
logo
Qorvo, Inc
QPA5219 QORVO-QPA5219 Datasheet
142Kb / 2P
Wi-Fi Power Amplifier
RFPA5562 QORVO-RFPA5562 Datasheet
695Kb / 7P
Wi-Fi Power Amplifer
RFPA5218 QORVO-RFPA5218 Datasheet
564Kb / 7P
Wi-Fi Power Amplifier
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
Wi-Fi Power Amplifer
logo
AVX Corporation
1000146 AVX-1000146 Datasheet
2Mb / 16P
Wi -Fi 6 & Wi Wi-Fi 6E or CBRS/n78 Stamped Metal Embedded Antenna
8/25/2022 Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com