Electronic Components Datasheet Search
  English  ▼

X  

4339 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4339
Description  Adafruit 4x4 Trellis Feather Acrylic Enclosure Hardware Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4339 Datasheet(HTML) 2 Page - Adafruit Industries

  4339 Datasheet HTML 1Page - Adafruit Industries 4339 Datasheet HTML 2Page - Adafruit Industries 4339 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
To complete this project you'll need also:
1x Adafruit Feather mainboard. It's designed for use with any of our
Feather boards (except the FONA) - so you can pick from Bluetooth, WiFi,
high speed, etc. For CircuitPython use, the nRF52840 or M4 feathers are
recommended. For Arduino use, any of them will work.
1 x Adafruit NeoTrellis RGB Driver PCB for 4x4 Keypad
1 x Silicone Elastomer 4x4 Button Keypad
Optional but recommended! 4-pin JST cable to simplify wiring so you
don't need to do as much soldering!
If you'd like to make the board portable (say you've got a wireless bluetooth or
WiFi feather...)
1 x Lithium Ion Polymer Battery - 3.7v 500mAh
1 x Mini Panel Mount DPDT Toggle Switch
Some light soldering is required! You'll have to solder wires to the switch as well
as to the Feather
Includes:
1 x Black Acrylic Cutout 1.5mm thick
10 x Clear Acrylic Cutouts 3mm thick
4 x M3 black nylon spacers 15mm long
8 x M3 black nylon screws 8mm long
4 x M2.5 black nylon screws 10mm long
4 x M2.5 black nylon nuts
4 x M2.5 standoffs 3mm long (un-threaded)
1 x set of Little Rubber Bumper Feet (4 bumpers total)
These acrylic cutouts come with paper backings on both sides (it protects the
acrylic while laser cutting and shipping). You'll need to peel those off before
assembly.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com