Electronic Components Datasheet Search
  English  ▼

X  

4341 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4341
Description  Aluminum Metal Heatsink Raspberry Pi 4 Case - Without Fans
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4341 Datasheet(HTML) 2 Page - Adafruit Industries

  4341 Datasheet HTML 1Page - Adafruit Industries 4341 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
Constructed from solid anodized aluminum, so it's got nice heft. It has slim
openings for all your cables, slots for your Pi Camera and other peripherals, and
a space for a GPIO cable to extend out from the Pi. The body acts as a heatsink
for the main chip.
We also carry a version of this enclosure with dual fans - it will be a little louder
and use more power.
Includes:
Sleek anodized enclosure (2 pieces)
12 x 11.8mm tall Torx T8 screws
Allen wrench
Rubber feet
This enclosure is compatible only with Raspberry Pi 4 computers, Raspberry Pi 4
is not included.
TECHNICAL DETAILS
Assembled dimensions: 85mm x 55mm x 25mm
https://www.adafruit.com/product/4341/10-21-19



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com