Electronic Components Datasheet Search
  English  ▼

X  

4404 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4404
Description  Small -1 Amp to 1 Amp DC Current Analog Panel Meter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4404 Datasheet(HTML) 1 Page - Adafruit Industries

  4404 Datasheet HTML 1Page - Adafruit Industries 4404 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Small -1 Amp to +1 Amp DC Current
Analog Panel Meter
PRODUCT ID: 4404
Analog panel meters are arguably not as blingy or flashy as LEDs, but their
simplicity adds a touch of elegance and makes them easier to read quickly.
This Small -1 Amp to +1 Amp DC Current Analog Panel Meter is handheld-
size, with three screws to open up the panel and replace the backing paper, if
you like.
Great for measuring larger bidirectional current draws, perhaps to and from a
battery bank or generator. Of course you can use it just fine with uni-directional
current draw as well, either positive or negative currents.
The back is constructed with two bolts the left coil is marked below with
Negative to distinguish the positive from the negative. You can wrap a wire
around the bolt and use the nuts to keep them in place, or use alligator clips.


Similar Part No. - 4404

ManufacturerPart #DatasheetDescription
logo
Heyco.
4404 HEYCO-4404 Datasheet
70Kb / 1P
Push Rivet-Arrow
logo
Schurter Inc.
4404.0001 SCHURTER-4404.0001 Datasheet
336Kb / 4P
Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
4404.0002 SCHURTER-4404.0002 Datasheet
336Kb / 4P
Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
4404.0003 SCHURTER-4404.0003 Datasheet
336Kb / 4P
Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
4404.0004 SCHURTER-4404.0004 Datasheet
336Kb / 4P
Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
More results

Similar Description - 4404

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
logo
Analog Devices
ADP2105 AD-ADP2105 Datasheet
1,019Kb / 32P
1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
7/06-Revision 0
logo
Premier Magnetics, Inc.
PDCS6133 PMI-PDCS6133 Datasheet
96Kb / 1P
DC/DC POWER MODULES 1 AMP ADJUSTABLE
logo
Digitron Semiconductors
UT234 DIGITRON-UT234 Datasheet
179Kb / 4P
RECTIFIERS 1 Amp to 2 Amp
logo
Analog Devices
ADP2105 AD-ADP2105_15 Datasheet
1,000Kb / 36P
1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
ADP2106 AD-ADP2106_15 Datasheet
1,000Kb / 36P
1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
ADP2107 AD-ADP2107_15 Datasheet
1,000Kb / 36P
1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
logo
Eutech Microelectronics...
EUP3511 EUTECH-EUP3511 Datasheet
153Kb / 1P
1 AMP CURRENT LIMITED LOAD SWITCH
logo
Riedon Powertron
RSN-5-50B RIEDON-RSN-5-50B Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
RSN-20-50B RIEDON-RSN-20-50B Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com