Electronic Components Datasheet Search
  English  ▼

X  

4433 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4433
Description  LED Ring Light - 76mm Diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4433 Datasheet(HTML) 2 Page - Adafruit Industries

  4433 Datasheet HTML 1Page - Adafruit Industries 4433 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Originally, this ring came with a dimmer, but it was built into the wall adapter so
not very useful for portable projects. This guide on analog RGB LED strip control
will show you how to dim a 9V LED - you'll want a microcontroller with a PWM
output, and a single N-MOSFETs to control the power
TECHNICAL DETAILS
Weight: 41.4g
Overall diameter: 76mm / 2.9"
Inner diameter: 57.5mm / 2.2"
Cable length: 8.5mm / 0.33"
 
  
 
 
https://www.adafruit.com/product/4433/12‐20‐19 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com