Electronic Components Datasheet Search
  English  ▼

X  

4465 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4465
Description  Adafruit PyPortal Pynt - CircuitPython Powered Internet Display - 2.4" TFT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4465 Datasheet(HTML) 1 Page - Adafruit Industries

  4465 Datasheet HTML 1Page - Adafruit Industries 4465 Datasheet HTML 2Page - Adafruit Industries 4465 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Adafruit PyPortal Pynt - CircuitPython
Powered Internet Display - 2.4" TFT
PRODUCT ID: 4465
The PyPortal Pynt is the little sister to our popular PyPortal - zapped with a
shink ray to take the design from a 3.2" diagonal down to 2.4" diagonal screen -
but otherwise the same! The PyPortal is our easy-to-use IoT device that allows
you to create all the things for the “Internet of Things” in minutes. Make custom
touch screen interface GUIs, all open-source, and Python-powered
using tinyJSON / APIs to get news, stock, weather, cat photos, and more – all
over Wi-Fi with the latest technologies. Create little pocket universes of joy that
connect to something good. Rotate it 90 degrees, it’s a web-connected
conference badge #badgelife.
The PyPortal uses an ATMEL (Microchip) ATSAMD51J20, and an Espressif ESP32
Wi-Fi coprocessor with TLS/SSL support built-in. PyPortal has a 2.4″ diagonal
320 x 240 color TFT with resistive touch screen. PyPortal includes: speaker, light
sensor, temperature sensor, NeoPixel, microSD card slot, 8MB flash, plug-in
ports for I2C and 2 analog/digital pins, 3D files for custom enclosures / lanyard
fastening. Open-source hardware, and Open-Source software, CircuitPython and
Arduino. The device shows up as a USB drive and the code (Python) can be
edited in any IDE, text editor, etc.


Similar Part No. - 4465

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4465090 TURCK-4465090 Datasheet
219Kb / 2P
Inductive Sensor
11/07/2023
4465290 TURCK-4465290 Datasheet
231Kb / 3P
Inductive Sensor
11/07/2023
logo
Aries Electronics, Inc.
4465510 ARIES-4465510 Datasheet
722Kb / 1P
Series 55 Universal Zero-Insertion-Force DIP Test Socket
4465510TL ARIES-4465510TL Datasheet
722Kb / 1P
Series 55 Universal Zero-Insertion-Force DIP Test Socket
4465511 ARIES-4465511 Datasheet
722Kb / 1P
Series 55 Universal Zero-Insertion-Force DIP Test Socket
More results

Similar Description - 4465

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
99-213UWC-TR8 A-BRIGHT-99-213UWC-TR8 Datasheet
360Kb / 6P
TFT DISPLAY LED
2006/10/11
99-213UWC A-BRIGHT-99-213UWC Datasheet
247Kb / 6P
TFT DISPLAY LED
2009/2/20
99-215UWC A-BRIGHT-99-215UWC_15 Datasheet
247Kb / 6P
TFT DISPLAY LED
2009/2/20
logo
Hantronix,Inc
HDA240C HANTRONIX-HDA240C_15 Datasheet
1Mb / 12P
2.4 QVGA TFT COLOR GRAPHICS
logo
Renesas Technology Corp
TW8832 RENESAS-TW8832 Datasheet
154Kb / 3P
TFT Display Controller
logo
Crystalfontz America, I...
CFAF240320D-032T CRYSTAIFONTZ-CFAF240320D-032T Datasheet
625Kb / 12P
TFT DISPLAY MODULE
CFAF240320K1-024T-RT CRYSTAIFONTZ-CFAF240320K1-024T-RT Datasheet
510Kb / 13P
TFT DISPLAY MODULE
CFAF240400A0-030T CRYSTAIFONTZ-CFAF240400A0-030T Datasheet
2Mb / 12P
TFT DISPLAY MODULE
CFAF240400B0-030T CRYSTAIFONTZ-CFAF240400B0-030T Datasheet
1Mb / 12P
TFT DISPLAY MODULE
CFAF480272C2-043T-TS CRYSTAIFONTZ-CFAF480272C2-043T-TS Datasheet
719Kb / 15P
TFT DISPLAY MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com