Electronic Components Datasheet Search
  English  ▼

X  

HMC356LP3 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC356LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC356LP3 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC356LP3_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC356LP3_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC356LP3_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC356LP3_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC356LP3_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC356LP3_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5
5 - 91
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Broadband Gain & Return Loss
Gain vs. Temperature
Noise Figure vs. Temperature
Reverse Isolation
Gain vs. Vdd
Noise Figure vs. Vdd
-25
-20
-15
-10
-5
0
5
10
15
20
25
0.25
0.5
0.75
1
1.25
1.5
1.75
2
S21
S11
S22
FREQUENCY (GHz)
10
11
12
13
14
15
16
17
18
19
20
0.3
0.35
0.4
0.45
0.5
0.55
0.6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
10
11
12
13
14
15
16
17
18
19
20
0.3
0.35
0.4
0.45
0.5
0.55
0.6
+5.0 V
+4.5 V
+5.5 V
FREQUENCY (GHz)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
0.3
0.35
0.4
0.45
0.5
0.55
0.6
+4.5 V
+5.0 V
+5.5 V
FREQUENCY (GHz)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
0.3
0.35
0.4
0.45
0.5
0.55
0.6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0.3
0.35
0.4
0.45
0.5
0.55
0.6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
HMC356LP3 / 356LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 350 - 550 MHz
v02.0605



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com