Electronic Components Datasheet Search
  English  ▼

X  

01031 Datasheet(PDF) 1 Page - Wiha Tools

Part # 01031
Description  Screwdriver SoftFinish®
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01031 Datasheet(HTML) 1 Page - Wiha Tools

  01031 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
148
148
Which drives are used for each individual product? Page 304
Screwdriver SoftFinish®
Hexagon angled
357
Order-No.
26230
3
35
20
139
23
10
26231
4
40
25
151
30
10
26232
5
45
28
156
30
10
26233
6
50
32
168
36
10
26234
8
60
36
178
36
10
26235
10
75
40
199
41
10
Screwdriver SoftFinish®
Hexagon nut driver with round blade
341
Order-No.
01018
4
125
236
30
6,9
10
01020
5
125
236
30
7,9
10
01021
5,5
125
236
30
7,9
10
01022
6
125
236
30
8,9
10
01023
7
125
243
36
10,9
10
01024
8
125
243
36
11,9
10
01025
9
125
243
36
12,9
10
01026
10
125
243
36
14,4
10
01027
11
125
249
41
15,9
10
01028
12
125
249
41
16,9
10
01029
13
125
249
41
18,4
10
01030
14
125
249
41
19,4
10
01031
15
125
249
41
21,9
10
01032
16
125
249
41
21,9
10
01033
17
125
249
41
23,4
10
Hexagon nut driver with short round blade
343
Order-No.
01076
5,5
65
176
30
8
10
01077
6
65
176
30
9
10
01078
7
65
183
36
11
10
01079
8
65
183
36
12
10
01081
10
65
183
36
14
10
Screwdriver SoftFinish®
Hexagon nut driver, inch design with round
blade and hexagon head
347 Zoll
Order-No.
02836
3/16
125
10
231
30
4,76
10
02837
1/4
125
10
238
36
6,35
10
02838
5/16
125
10
238
36
7,94
10
02839
3/8
125
10
238
36
9,53
10
02840
7/16
125
13
246
41
11,11
10
02841
1/2
125
13
246
41
12,70
10


Similar Part No. - 01031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
010317 ETC2-010317 Datasheet
554Kb / 2P
A solid moulded core with soft outer grip, less force, yet achieves 40% more torque
logo
Weidmuller
0103170000 WEIDMULLER-0103170000 Datasheet
1Mb / 52P
SAK-series
More results

Similar Description - 01031

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1200153 PHOENIX-1200153 Datasheet
43Kb / 2P
Screwdriver - SF-TXH 30X115
1205040 PHOENIX-1205040 Datasheet
65Kb / 3P
Screwdriver - SZS 0,6X2,5
1205066 PHOENIX-1205066 Datasheet
65Kb / 3P
Screwdriver - SZS 1,0X4,0
1205082 PHOENIX-1205082 Datasheet
65Kb / 3P
Screwdriver - SZS 1,2X8,0
1205121 PHOENIX-1205121 Datasheet
80Kb / 4P
Screwdriver - SZG 0,6X3,5
1205134 PHOENIX-1205134 Datasheet
80Kb / 4P
Screwdriver - SZG 0,9X6,5
1205147 PHOENIX-1205147 Datasheet
60Kb / 3P
Screwdriver - SZK PH0
1207608 PHOENIX-1207608 Datasheet
50Kb / 2P
Screwdriver - ST-BW
1212070 PHOENIX-1212070 Datasheet
43Kb / 2P
Screwdriver - SF-M BH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com