Electronic Components Datasheet Search
  English  ▼

X  

36321 Datasheet(PDF) 1 Page - Wiha Tools

Part # 36321
Description  Torque screwdriver TorqueFix®
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36321 Datasheet(HTML) 1 Page - Wiha Tools

  36321 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
169
All prices not including statutory VAT.
INFOBOX:
TorqueVario®-S
Variably settable torque tools.
• For controlled fastening in a large range of applications.
• Torque value is continuously adjustable thanks to the torque
setter adjusting tool.
• Distinctly audible and perceptible click signal when set
toque is reached.
• Each Wiha screwdriver handle provides a perfectly
correlated ratio of guidance, speed and torque for any
fastening task.
• Certified individual item testing directly after on-site
production.
• Broad selection of interchangeable blades and adapter
blades.
Torque screwdriver TorqueFix®
permanently pre-set torque limit
2850
Order-No.
26925
0,4
6%
4
112
23
1
26127
0,5
6%
4
112
23
1
26047
0,6
6%
4
112
23
1
26327
0,8
6%
4
112
23
1
26048
0,9
6%
4
112
23
1
26133
1,1
6%
4
119
30
1
26049
1,2
6%
4
119
30
1
26901
1,5
6%
4
119
30
1
26051
2,0
6%
4
119
30
1
26128
2,5
6%
4
119
36
1
26052
3,0
6%
4
126
36
1
26129
3,8
6%
4
126
36
1
26053
5,0
6%
4
132
41
1
26130
5,5
6%
4
132
41
1
34533
6,0
6%
4
132
41
1
26131
7,2
6%
4
132
41
1
DIN EN ISO 6789.
Torque screwdriver easyTorque
permanently pre-set torque limit
2920
Order-No.
36229
0,5
10%
4
130
34
1
36230
0,6
10%
4
130
34
1
36240
0,9
10%
4
130
34
1
36231
1,1
10%
4
130
34
1
36233
1,2
10%
4
130
34
1
36234
1,4
10%
4
130
34
1
36235
2,0
10%
4
130
34
1
36236
2,5
10%
4
130
34
1
36237
3,0
10%
4
130
34
1
36238
3,8
10%
4
130
34
1
36320
4,0
10%
4
130
34
1
36321
4,5
10%
4
130
34
1
36239
5,0
10%
4
130
34
1
Torque screwdriver set TorqueFix®
Cable key for circular plug connector permanently
pre-set torque limit 2-pcs.
2850
Order-No.
36846
0,4
9
230
78
112
23
1
36847
0,6
13
230
78
112
23
1
DIN EN ISO 6789.
INFOBOX:
TorqueFix®
Permanently pre-set torque tools.
• For controlled fastening, e.g. in series production or
repetitive usage.
• Distinctly audible and perceptible click signal when set
toque is reached.
• Each Wiha screwdriver handle provides a perfectly
correlated ratio of guidance, speed and torque for any
fastening task.
• Broad selection of interchangeable blades and adapter
blades.


Similar Part No. - 36321

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3632 BOURNS-3632 Datasheet
45Kb / 1P
VDSL Module
logo
TE Connectivity Ltd
3632 TEC-3632 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Adafruit Industries
3632 ADAFRUIT-3632 Datasheet
359Kb / 2P
Adafruit Joy FeatherWing for all Feathers
logo
List of Unclassifed Man...
36320 ETC2-36320 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
36325 ETC2-36325 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
More results

Similar Description - 36321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1208429 PHOENIX-1208429 Datasheet
53Kb / 3P
Torque screwdriver - TSD 04 SAC
1208487 PHOENIX-1208487 Datasheet
52Kb / 3P
Torque screwdriver - TSD 02 SAC
1212020 PHOENIX-1212020 Datasheet
49Kb / 3P
Torque screwdriver - TSD 20 SAC
1212224 PHOENIX-1212224 Datasheet
58Kb / 3P
Torque screwdriver - TSD-M 1,2NM
1212225 PHOENIX-1212225 Datasheet
58Kb / 3P
Torque screwdriver - TSD-M 3NM
1212226 PHOENIX-1212226 Datasheet
59Kb / 3P
Torque screwdriver - TSD-M 6NM
1212315 PHOENIX-1212315 Datasheet
48Kb / 3P
Torque screwdriver - TSD 25 SAC
1212597 PHOENIX-1212597 Datasheet
52Kb / 2P
Torque screwdriver - TSD 08 SAC
1607456 PHOENIX-1607456 Datasheet
43Kb / 2P
Torque screwdriver - SF-Z0028
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com