Electronic Components Datasheet Search
  English  ▼

X  

42487 Datasheet(PDF) 1 Page - Wiha Tools

Part # 42487
Description  Fine screwdriver PicoFinish
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

42487 Datasheet(HTML) 1 Page - Wiha Tools

  42487 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
152
152
Which drives are used for each individual product? Page 304
Fine screwdriver PicoFinish
Slotted
260P
Order-No.
42381
0,8
40
2
134
9
10
42382
1,0
40
2
134
9
10
42383
1,2
40
2
134
9
10
42384
1,5
40
2
134
9
10
42385
1,5
60
2
154
9
10
42386
1,8
40
2
134
9
10
42387
1,8
60
2
154
9
10
42388
2,0
40
2
140
18
10
42389
2,0
60
2
160
18
10
42390
2,0
100
2
200
18
10
42391
2,5
50
2,5
150
18
10
42392
2,5
75
2,5
175
18
10
42393
2,5
100
2,5
200
18
10
42394
3,0
50
3
150
18
10
42395
3,0
100
3
200
18
10
42397
3,5
60
3,5
160
18
10
42398
4,0
60
4
160
18
10
42399
4,0
100
4
200
18
10
Phillips
261P
Order-No.
42403
PH000
40
2
134
9
10
42402
PH00
40
2
134
9
10
42413
PH00
60
2
154
9
10
42401
PH0
50
3
150
18
10
42414
PH0
75
3
175
18
10
42415
PH1
60
4
160
18
10
42416
PH1
80
4
180
18
10
Pozidriv
262P
Order-No.
42418
PZ0
50
3
150
18
10
42419
PZ1
60
4
160
18
10
TORX® MagicSpring®
267PR
Order-No.
42501
T6
40
2,5
140
18
10
42502
T7
40
2,5
140
18
10
42503
T8
40
2,5
140
18
10
42504
T9
50
3
150
18
10
42505
T10
50
3
150
18
10
42506
T15
60
3,5
150
18
10
TORX®
267P
Order-No.
42474
T1
40
2,5
134
9
10
42475
T2
40
2,5
134
9
10
42476
T3
40
2,5
134
9
10
42477
T4
40
2,5
134
9
10
42478
T5
40
2,5
134
9
10
42479
T6
40
2,5
140
18
10
42480
T7
40
2,5
140
18
10
42481
T8
40
2,5
140
18
10
42482
T9
50
3
150
18
10
42483
T10
50
3
150
18
10
42484
T15
60
3,5
160
18
10
42485
T20
60
4
160
18
10
TORX PLUS®
267PIP
Order-No.
42486
4IP
40
2,5
134
9
10
42487
5IP
40
2,5
134
9
10
42488
6IP
40
2,5
140
18
10
42489
7IP
40
2,5
140
18
10
42490
8IP
40
2,5
140
18
10
42491
9IP
50
3
150
18
10
42492
10IP
50
3
150
18
10
42493
15IP
60
3,5
160
18
10
42494
20IP
60
4
160
18
10
Pentalobe
266P
Order-No.
42464
PL1
40
2,5
134
9
10
42465
PL2
40
2,5
134
9
10
42466
PL3
40
2,5
134
9
10
42467
PL4
40
2,5
134
9
10
42468
PL5
40
2,5
134
9
10
42469
PL6
40
2,5
140
18
10
Y-type
266PY
Order-No.
42470
0
40
2
134
9
10


Similar Part No. - 42487

ManufacturerPart #DatasheetDescription
logo
Heyco.
4248 HEYCO-4248 Datasheet
159Kb / 1P
Hinged Edge Strain Relief Bushings
logo
Mallory performance clu...
4248201 MALLORY-4248201 Datasheet
204Kb / 2P
TROUBLE SHOOTING GUIDE MAGNETIC TRIGGERED DISTRIBUTORS
logo
NEC
42484A NEC-42484A Datasheet
72Kb / 2P
NONLINEAR MODEL
More results

Similar Description - 42487

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
26076 ETC2-26076 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1200153 PHOENIX-1200153 Datasheet
43Kb / 2P
Screwdriver - SF-TXH 30X115
1205040 PHOENIX-1205040 Datasheet
65Kb / 3P
Screwdriver - SZS 0,6X2,5
1205066 PHOENIX-1205066 Datasheet
65Kb / 3P
Screwdriver - SZS 1,0X4,0
1205082 PHOENIX-1205082 Datasheet
65Kb / 3P
Screwdriver - SZS 1,2X8,0
1205121 PHOENIX-1205121 Datasheet
80Kb / 4P
Screwdriver - SZG 0,6X3,5
1205134 PHOENIX-1205134 Datasheet
80Kb / 4P
Screwdriver - SZG 0,9X6,5
1205147 PHOENIX-1205147 Datasheet
60Kb / 3P
Screwdriver - SZK PH0
1207608 PHOENIX-1207608 Datasheet
50Kb / 2P
Screwdriver - ST-BW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com