Electronic Components Datasheet Search
  English  ▼

X  

51353-1200.. Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51353-1200..
Description  MicroClasp™ Wire-to-Board System
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

51353-1200.. Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51353-1200.. Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/27/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0513531200
Status:
Active
Overview:
MicroClasp™ Wire-to-Board System
Description:
2.00mm Pitch MicroClasp™ Wire-to-Board Receptacle Housing, Positive Lock, Dual
Row, 12 circuits
Documents:
3D Model
Product Specification PS-51353-010-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51353-003-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
51353
Application
Signal, Wire-to-Board
MolexKits
Yes
Overview
MicroClasp™ Wire-to-Board System
Product Name
MicroClasp™
UPC
756054235805
Physical
Circuits (maximum)
12
Color - Resin
White
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
672.000/mg
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.00mm
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-51353-003-001, PS-51353-010-001
Sales Drawing
SD-51353-002
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
51353 Series
Mates With
55917 Vertical Header with Kinked PC Tails,
55959 Right Angle Header, 501844 Vertical
Header
Use With
56134 Terminal
This document was generated on 04/27/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 51353-1200..

ManufacturerPart #DatasheetDescription
logo
MolexKits
51353-1200 MOLEXKITS-51353-1200 Datasheet
43Kb / 2P
Positive Lock Through Hole Right Angle Header and Receptacle
51353-1200 MOLEXKITS-51353-1200 Datasheet
43Kb / 5P
Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
51353-1200 MOLEXKITS-51353-1200 Datasheet
23Kb / 3P
PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
51353-1200 MOLEX7-51353-1200 Datasheet
234Kb / 3P
2.00mm (.079") Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock,Dual Row, 12 circuits
51353-1200 MOLEX11-51353-1200 Datasheet
54Kb / 1P
2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Dual
More results

Similar Description - 51353-1200..

ManufacturerPart #DatasheetDescription
logo
FCI connector
10114828-10102LF FCI-CONNECTOR-10114828-10102LF Datasheet
2Mb / 2P
1.25mm Wire-To-Board System
logo
Molex Electronics Ltd.
51242-2000 MOLEX11-51242-2000 Datasheet
41Kb / 1P
2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Dual
51242-3000 MOLEX11-51242-3000 Datasheet
41Kb / 1P
2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Dual
51353-1800 MOLEX11-51353-1800 Datasheet
43Kb / 1P
2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Dual
51353-3000 MOLEX11-51353-3000 Datasheet
43Kb / 1P
2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Dual
51353-3600 MOLEX11-51353-3600 Datasheet
43Kb / 1P
2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Dual
51353-4000 MOLEX11-51353-4000 Datasheet
43Kb / 1P
2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Dual
51382-0500 MOLEX11-51382-0500 Datasheet
42Kb / 1P
2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
51382-1000 MOLEX11-51382-1000 Datasheet
42Kb / 1P
2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
51382-1200 MOLEX11-51382-1200 Datasheet
42Kb / 1P
2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Single
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com