Electronic Components Datasheet Search
  English  ▼

X  

MF50 100K. Datasheet(PDF) 17 Page - Multicomp Pro

Part # MF50 100K.
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF50 100K. Datasheet(HTML) 17 Page - Multicomp Pro

Back Button MF50 100K. Datasheet HTML 13Page - Multicomp Pro MF50 100K. Datasheet HTML 14Page - Multicomp Pro MF50 100K. Datasheet HTML 15Page - Multicomp Pro MF50 100K. Datasheet HTML 16Page - Multicomp Pro MF50 100K. Datasheet HTML 17Page - Multicomp Pro MF50 100K. Datasheet HTML 18Page - Multicomp Pro MF50 100K. Datasheet HTML 19Page - Multicomp Pro MF50 100K. Datasheet HTML 20Page - Multicomp Pro MF50 100K. Datasheet HTML 21Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Page <17>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 100R, 500mW, 1%
MF50 100R
Resistor, 10K, 500mW, 1%
MF50 10K
Resistor, 500mW 1% 10R
MF50 10R
Resistor, 500mW 1% 10R
MF50 10R.
Resistor, 500mW 1% 110K
MF50 110K
Resistor, 500mW 1% 110R
MF50 110R
Resistor, 500mW 1% 11K
MF50 11K
Resistor, 500mW 1% 11K
MF50 11K.
Resistor, 500mW 1% 11R
MF50 11R
Resistor, 500mW 1% 120K
MF50 120K
Resistor, 500mW 1% 120R
MF50 120R
Resistor, 500mW 1% 120R
MF50 120R.
Resistor, 500mW 1% 12K
MF50 12K
Resistor, 500mW 1% 12R
MF50 12R
Resistor, 500mW 1% 12R
MF50 12R.
Resistor, 500mW 1% 130K
MF50 130K
Resistor, 500mW 1% 130R
MF50 130R
Resistor, 500mW 1% 13K
MF50 13K
Resistor, 500mW 1% 13K
MF50 13K.
Resistor, 500mW 1% 13R
MF50 13R
Resistor, 500mW 1% 150K
MF50 150K
Resistor, 500mW 1% 150R
MF50 150R
Resistor, 500mW 1% 15K
MF50 15K
Resistor, 500mW 1% 15R
MF50 15R
Resistor, 500mW 1% 15R
MF50 15R.
Resistor, 500mW 1% 160K
MF50 160K
Resistor, 500mW 1% 160K
MF50 160K.
Resistor, 500mW 1% 160R
MF50 160R
Resistor, 500mW 1% 16K
MF50 16K
Resistor, 500mW 1% 16R
MF50 16R
Resistor, 500mW 1% 180K
MF50 180K
Resistor, 500mW 1% 180R
MF50 180R
Resistor, 500mW 1% 18K
MF50 18K
Resistor, 500mW 1% 18R
MF50 18R
Resistor, 1K, 500mW, 1%
MF50 1K
Resistor, 500mW 1% 1K1
MF50 1K1
Resistor, 500mW 1% 1K2
MF50 1K2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com