Electronic Components Datasheet Search
  English  ▼

X  

MF50 120R. Datasheet(PDF) 9 Page - Multicomp Pro

Part # MF50 120R.
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF50 120R. Datasheet(HTML) 9 Page - Multicomp Pro

Back Button MF50 120R. Datasheet HTML 5Page - Multicomp Pro MF50 120R. Datasheet HTML 6Page - Multicomp Pro MF50 120R. Datasheet HTML 7Page - Multicomp Pro MF50 120R. Datasheet HTML 8Page - Multicomp Pro MF50 120R. Datasheet HTML 9Page - Multicomp Pro MF50 120R. Datasheet HTML 10Page - Multicomp Pro MF50 120R. Datasheet HTML 11Page - Multicomp Pro MF50 120R. Datasheet HTML 12Page - Multicomp Pro MF50 120R. Datasheet HTML 13Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Page <9>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 125mW 1% 15K
MF12 15K
Resistor, 125mW 1% 15R
MF12 15R
Resistor, 125mW 1% 160K
MF12 160K
Resistor, 125mW 1% 160R
MF12 160R
Resistor, 125mW 1% 16K
MF12 16K
Resistor, 125mW 1% 16R
MF12 16R
Resistor, 125mW 1% 180K
MF12 180K
Resistor, 125mW 1% 180R
MF12 180R
Resistor, 125mW 1% 18K
MF12 18K
Resistor, 125mW 1% 18R
MF12 18R
Resistor, 1K, 125mW, 1%
MF12 1K
Resistor, 125mW 1% 1K1
MF12 1K1
Resistor, 125mW 1% 1K2
MF12 1K2
Resistor, 125mW 1% 1K3
MF12 1K3
Resistor, 125mW, 1%, 1K5
MF12 1K5
Resistor, 125mW 1% 1K5
MF12 1K5.
Resistor, 125mW 1% 1K6
MF12 1K6
Resistor, 125mW 1% 1K8
MF12 1K8
Resistor, 1MR, 125mW, 1%
MF12 1M
Resistor, 125mW 1% 1R
MF12 1R
Resistor, 125mW 1% 1R
MF12 1R.
Resistor, 125mW 1% 1R5
MF12 1R5
Resistor, 125mW 1% 200K
MF12 200K
Resistor, 125mW 1% 200R
MF12 200R
Resistor, 125mW 1% 20K
MF12 20K
Resistor, 125mW 1% 20R
MF12 20R
Resistor, 125mW 1% 220K
MF12 220K
Resistor, 125mW, 1%, 220R
MF12 220R
Resistor, 125mW, 1%, 22K
MF12 22K
Resistor, 125mW 1% 22K
MF12 22K.
Resistor, 125mW 1% 22R
MF12 22R
Resistor, 125mW 1% 22R
MF12 22R.
Resistor, 125mW 1% 240K
MF12 240K
Resistor, 125mW 1% 240R
MF12 240R
Resistor, 125mW 1% 24K
MF12 24K
Resistor, 125mW 1% 24R
MF12 24R
Resistor, 125mW 1% 24R
MF12 24R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com