Electronic Components Datasheet Search
  English  ▼

X  

MF50 13K. Datasheet(PDF) 18 Page - Multicomp Pro

Part # MF50 13K.
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF50 13K. Datasheet(HTML) 18 Page - Multicomp Pro

Back Button MF50 13K. Datasheet HTML 13Page - Multicomp Pro MF50 13K. Datasheet HTML 14Page - Multicomp Pro MF50 13K. Datasheet HTML 15Page - Multicomp Pro MF50 13K. Datasheet HTML 16Page - Multicomp Pro MF50 13K. Datasheet HTML 17Page - Multicomp Pro MF50 13K. Datasheet HTML 18Page - Multicomp Pro MF50 13K. Datasheet HTML 19Page - Multicomp Pro MF50 13K. Datasheet HTML 20Page - Multicomp Pro MF50 13K. Datasheet HTML 21Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Page <18>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 500mW 1% 1K3
MF50 1K3
Resistor, 500mW 1% 1K5
MF50 1K5
Resistor, 500mW 1% 1K6
MF50 1K6
Resistor, 500mW 1% 1K6
MF50 1K6.
Resistor, 500mW 1% 1K8
MF50 1K8
Resistor, 500mW 1% 1M
MF50 1M
Resistor, 500mW 1% 1M
MF50 1M.
Resistor, 500mW 1% 1R
MF50 1R
Resistor, 500mW 1% 1R
MF50 1R.
Resistor, 500mW 1% 1R5
MF50 1R5
Resistor, 500mW 1% 200K
MF50 200K
Resistor, 500mW 1% 200K
MF50 200K.
Resistor, 500mW 1% 200R
MF50 200R
Resistor, 500mW 1% 200R
MF50 200R.
Resistor, 500mW 1% 20K
MF50 20K
Resistor, 500mW 1% 20R
MF50 20R
Resistor, 500mW 1% 220K
MF50 220K
Resistor, 500mW 1% 220R
MF50 220R
Resistor, 500mW 1% 22K
MF50 22K
Resistor, 500mW 1% 22R
MF50 22R
Resistor, 500mW 1% 22R
MF50 22R.
Resistor, 500mW 1% 240K
MF50 240K
Resistor, 500mW 1% 240R
MF50 240R
Resistor, 500mW 1% 24K
MF50 24K
Resistor, 500mW 1% 24K
MF50 24K.
Resistor, 500mW 1% 24R
MF50 24R
Resistor, 500mW 1% 270K
MF50 270K
Resistor, 500mW 1% 270K
MF50 270K.
Resistor, 500mW 1% 270R
MF50 270R
Resistor, 500mW 1% 27K
MF50 27K
Resistor, 500mW 1% 27R
MF50 27R
Resistor, 500mW 1% 2K
MF50 2K
Resistor, 500mW 1% 2K2
MF50 2K2
Resistor, 500mW 1% 2K4
MF50 2K4
Resistor, 500mW 1% 2K7
MF50 2K7
Resistor, 500mW 1% 2K7
MF50 2K7.
Resistor, 500mW 1% 2R2
MF50 2R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com