Electronic Components Datasheet Search
  English  ▼

X  

FM31272 Datasheet(PDF) 22 Page - Ramtron International Corporation

Part # FM31272
Description  5V Integrated Processor Companion with Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31272 Datasheet(HTML) 22 Page - Ramtron International Corporation

Back Button FM31272 Datasheet HTML 17Page - Ramtron International Corporation FM31272 Datasheet HTML 18Page - Ramtron International Corporation FM31272 Datasheet HTML 19Page - Ramtron International Corporation FM31272 Datasheet HTML 20Page - Ramtron International Corporation FM31272 Datasheet HTML 21Page - Ramtron International Corporation FM31272 Datasheet HTML 22Page - Ramtron International Corporation FM31272 Datasheet HTML 23Page - Ramtron International Corporation FM31272 Datasheet HTML 24Page - Ramtron International Corporation FM31272 Datasheet HTML 25Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
FM31278/276/274/272 - 5V I2C Companion
Rev. 2.0
Dec. 2007
Page 22 of 25
Supervisor Timing (TA = -40° C to + 85° C, VDD = 4.0V to 5.5V)
Symbol
Parameter
Min
Max
Units
Notes
tRPU
/RST Active (low) after VDD>VTP
100
200
ms
tRNR
VDD < VTP noise immunity
10
25
µs
1
tVR
VDD Rise Time
50
-
µs/V
1,2
tVF
VDD Fall Time
100
-
µs/V
1,2
tWDP
Pulse Width of /RST for Watchdog Reset
100
200
ms
tWDOG
Timeout of Watchdog
tDOG
2*tDOG
ms
3
fCNT
Frequency of Event Counters
0
10
MHz
Notes
1
This parameter is characterized but not tested.
2
Slope measured at any point on VDD waveform.
3
tDOG is the programmed time in register 0Ah, VDD > VTP and tRPU satisfied.
/RST Timing
VDD
VTP
VRST
RST
t
RPU
t
RNR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com