Electronic Components Datasheet Search
  English  ▼

X  

500 Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # 500
Description  All Stainless Steel, Dry & Liquid Filled
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

500 Datasheet(HTML) 2 Page - NOSHOK, INC.

  500 Datasheet HTML 1Page - NOSHOK, INC. 500 Datasheet HTML 2Page - NOSHOK, INC. 500 Datasheet HTML 3Page - NOSHOK, INC. 500 Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
19
ORDERING INFORMATION
GAUGE SIZE
15 1-1/2″
25 2-1/2″
40 4″ *
60 6″ *
CASE TYPES
400 All SS, dry/fillable, bottom connection
410 All SS, dry/fillable, back connection
502 SS case, solid front, liquid filled, bottom
connection
401 All SS, dry, bottom connection
411 All SS, dry, back connection
402 SS case, solid front, dry, bottom connection
500 SS case, liquid filled, bottom connection
510 SS case, liquid filled, back connection
PRESSURE
RANGES
30vac -30 inHg to 0 psi ***
30 0 psi to 30 psi
1000 0 psi to 1,000 psi
30/15 -30 inHg to 0 psi to 15 psi ***
60 0 psi to 60 psi
1500 0 psi to 1,500 psi
30/30 -30 inHg to 0 psi to 30 psi ***
100 0 psi to 100 psi
2000 0 psi to 2,000 psi
30/60 -30 inHg to 0 psi to 60 psi ***
160 0 psi to 160 psi
3000 0 psi to 3,000 psi
30/100 -30 inHg to 0 psi to 100 psi ***
200 0 psi to 200 psi
5000 0 psi to 5,000 psi
30/160 -30 inHg to 0 psi to 160 psi ***
300 0 psi to 300 psi
6000 0 psi to 6,000 psi
30/200 -30 inHg to 0 psi to 200 psi ***
400 0 psi to 400 psi
10000 0 psi to 10,000 psi
30/300 -30 inHg to 0 psi to 300 psi ***
600 0 psi to 600 psi
15000 0 psi to 15,000 psi
15 0 psi to 15 psi
800 0 psi to 800 psi
20000 0 psi to 20,000 psi **
SCALE OPTIONS
psi psi single scale
psi/kg/cm2 psi/kg/cm2 dual scale
psi/kPa psi/kPa dual scale
psi/bar psi/bar dual scale
CONNECTION SIZES
1/8 1/8″ NPT
1/2 1/2″ NPT
SST SAE J1926-3:7/16-20 Adjustable
1/4 1/4″ NPT
9/16-18 9/16″-18 UNF 2B high pressure cone
OPTIONS
SSFF 304SS Front Flange
SSFR 304SS Flange Ring
LM Laser Marking
SSRF 304SS Rear Flange
AP Adjustable Pointer
ST Stainless Steel Tagging
SSBU Stainless Steel Bezel & U-Clamp
SG Safety Glass Lens
ST5 Stainless Steel Threaded Orifice 0.5 mm
SPMC 304SS Panel Mount Clamp
MIP Maximum Indicating Pointer †
ST8 Stainless Steel Threaded Orifice 0.8 mm
PMC Steel Panel Mount Clamp
SP Red Set Pointer
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
NOTES: Refer to 400/500 Series options & Accessories chart on page 52 for availability by part number.
Cleaning for Oxygen Service (O2) is available only for dry or HL filled gauges
* On 40-400, 40-410, 40-500, 40-510, 60-400, 60-410, 60-500, and 60-510 models with 20,000 psi, the accuracy is ±1.5% or 1.6%
** 4" model only available with solid front case types
*** Ammonia gauges are available in these ranges. To order, add " – AMMONIA" at the end of the part number.
† GY40 fill is standard for liquid filled gauges
ORDERING
INFORMATION
DIMENSIONS
400/500 SERIES
15-401
25-400/500
40-400/500
1.57"
(40 mm)
0.98"
(25 mm)
0.55"
(14 mm)
1.54"
(39 mm)
1.26"
(32 mm)
0.35"
(9 mm)
0.55"
(14 mm)
2.13"
(54 mm)
2.68"
(68 mm)
0.51"
(13 mm)
0.70"
(17.7 mm)
0.87"
(22 mm)
1.91"
(48.5 mm)
3.39"
*
(86 mm)
3.98"
(101 mm)
* Dimension is for 1/2"
process connection.
1/4" process connection
= 3.15" (80 mm)
40 – 500 – 600 – psi – 1/4†† – MIP
Gauge size .........................................................................4"
Case type ............. SS case, liquid filled, bottom connection
Pressure range & scale option ...................0 psi to 600 psi
Connection size††.................................................. 1/4" NPT
Option....................................... Maximum Indicating Pointer
EXAMPLE
†† Only include in part number if non-standard connection size is ordered.
NOTES: See standard connection sizes chart on page 49.
Shaded portions of this part number example are not required unless a non-standard connection size or
an option is needed.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com