Electronic Components Datasheet Search
  English  ▼

X  

0161981 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0161981
Description  AE MP SH 300X500 - Mounting panel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0161981 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0161981 Datasheet HTML 1Page - PHOENIX CONTACT 0161981 Datasheet HTML 2Page - PHOENIX CONTACT 0161981 Datasheet HTML 3Page - PHOENIX CONTACT 0161981 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Mounting plate
Dimensions
Width
444 mm
Height
244 mm
Drill hole distance, horizontal
230 mm
Drill hole distance, vertical
430 mm
Hole diameter
8.5 mm
Material thickness of mounting panel
2 mm
Material specifications
Color
silver-colored
Material
Steel
Coating
galvanized, yellow passivated
AE MP SH 300X500 - Mounting panel
0161981
https://www.phoenixcontact.com/us/products/0161981
Aug 25, 2025, 4:36AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com