Electronic Components Datasheet Search
  English  ▼

X  

404-MFS Datasheet(PDF) 1 Page - NOSHOK, INC.

Part # 404-MFS
Description  Standard, Hard Seat
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

404-MFS Datasheet(HTML) 1 Page - NOSHOK, INC.

  404-MFS Datasheet HTML 1Page - NOSHOK, INC. 404-MFS Datasheet HTML 2Page - NOSHOK, INC. 404-MFS Datasheet HTML 3Page - NOSHOK, INC. 404-MFS Datasheet HTML 4Page - NOSHOK, INC. 404-MFS Datasheet HTML 5Page - NOSHOK, INC. 404-MFS Datasheet HTML 6Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
30
400
400 SERIES
• 100% helium leak tested to 1 x 10-4 ml/s for performance and reliability
• Blow-out proof stem provides a secondary stem seal in the full
open position
• FKM o-ring seal and PTFE back-up ring below the stem threads to
protect from corrosion and galling; PTFE or Graphite packing optional
(certain NPT sizes only)
• All stem threads are rolled for strength and ease of operation
• One-piece bonnet with a metal-to-metal seal to the valve body below
the bonnet threads
• Slotted spring pin to prevent accidental loosening
• Vinyl dust cap for bonnet and stem (non-packing)
Standard, Hard Seat
Needle V alves
NOTE: All NOSHOK valve products conform to the MSS SP-99 instrument valves standards, and valves supplied with packing
also conform to MSS SP-132 compression packing systems for instrument valves standard.
Materials
Zinc-Nickel plated Steel, electropolished 316
Stainless Steel*
Connections
1/4", 3/8", 1/2", 3/4", 1", 1-1/4" & 1-1/2" NPT
7/16"-20 UNF (#4 SAE, J1926)
Male-female, Female-female, in-line and angled
configurations
Pressure rating**
10,000 psi @ 200 °F for 1/4" NPT to 1/2" NPT
8,000 psi @ 200 °F for 3/4" NPT to 1-1/2" NPT
Orifice sizes
1/4" - 1/2" NPT: 0.187"
3/4" - 1-1/2" NPT: 0.438"
Flow coefficient
1/4" - 1/2" NPT: CV 0.44
3/4" - 1-1/2" NPT: CV 2.70
Stem seal & type
All 316 Stainless Steel stems with FKM o-ring and
PTFE back-up ring below the threads, PTFE or
Graphite packing optional for 1/4", 3/8" & 1/2" NPT only
Options
Panel mountings, o-ring materials, handles,
packings, regulating stem and stem tips
Weight
Approximately 1.3 lb. up to 1/2"
Approximately 4.5 lb. Large Hex, Female-Female
Approximately 6 lb. Large Hex, Male-Female
SPECIFICATIONS
* All 316SS products meet the requirements of NACE MR0175/ISO 15156-3.
** If a packing option is chosen, maximum pressure rating is 6,000 psi.
Refer to the "Pressure vs. Temperature: Packing Style with Compatible Fluid"
chart at the back of this catalog.
For NOSHOK Valves with Stainless Steel valve types:
WARNING: This product can expose you to chemicals including Chromium (VI) and Nickel, which are known to the State of
California to cause cancer and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov
For NOSHOK Valves with Steel valve types:
WARNING: This product can expose you to chemicals including Lead, which is known to the State of California to
cause cancer and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov


Similar Part No. - 404-MFS

ManufacturerPart #DatasheetDescription
logo
Bi technologies
404 BITECH-404 Datasheet
242Kb / 3P
Position Sensor
logo
Moxa Inc.
404 MOXA-404 Datasheet
703Kb / 4P
4 and 7-port industrial-grade USB hubs
logo
GS Yuasa Battery Sales ...
404 GSYUASABATTERY-404 Datasheet
248Kb / 1P
Capacity (20-hour) 77Ah
logo
Marathon Special Produc...
404 MARATHON-404 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Enercon Technologies Eu...
404 ENERCON-404 Datasheet
692Kb / 3P
Integrated Soldier Power and Data Management System (ISPDS) with Integrated SOM
Jan 25, 2020
More results

Similar Description - 404-MFS

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
9741666643 AAEON-9741666643 Datasheet
132Kb / 1P
Supports Standard 2.5??Hard Disk Drive
9741681001 AAEON-9741681001 Datasheet
131Kb / 1P
Supports Standard 2.5??Hard Disk
9741692005 AAEON-9741692005 Datasheet
113Kb / 1P
Standard 3.5??IDE Hard Disk Drive
logo
Festo Corporation.
8060515 FESTO-8060515 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060520 FESTO-8060520 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8060521 FESTO-8060521 Datasheet
97Kb / 2P
Angle seat valve
6/27/22
8060545 FESTO-8060545 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8111591 FESTO-8111591 Datasheet
94Kb / 2P
Angle seat valve
6/27/22
8111593 FESTO-8111593 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8111597 FESTO-8111597 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com