Electronic Components Datasheet Search
  English  ▼

X  

PCF8883 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8883
Description  Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8883 Datasheet HTML 4Page - NXP Semiconductors PCF8883 Datasheet HTML 5Page - NXP Semiconductors PCF8883 Datasheet HTML 6Page - NXP Semiconductors PCF8883 Datasheet HTML 7Page - NXP Semiconductors PCF8883 Datasheet HTML 8Page - NXP Semiconductors PCF8883 Datasheet HTML 9Page - NXP Semiconductors PCF8883 Datasheet HTML 10Page - NXP Semiconductors PCF8883 Datasheet HTML 11Page - NXP Semiconductors PCF8883 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
PCF8883
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4.1 — 14 September 2016
8 of 35
NXP Semiconductors
PCF8883
Capacitive touch/proximity switch with auto-calibration
The counter, following the sensor logic depicted in Figure 4, counts the pulses of CUP or
CDN respectively. The counter is reset every time the pulse sequence changes from CUP
to CDN or the other way around. Pin OUT will only be activated when enough consecutive
CUP or CDN pulses occur. Low-level interference or slow changes in the input
capacitance do not cause the output to switch.
Various measures, such as asymmetrical charge and discharge steps, are taken to
ensure that the output switches off correctly. A special start-up circuit ensures that the
device reaches equilibrium quickly when the supply is attached.
Pin OUT is an open-drain output capable of pulling an external load Rext (at maximum
current of 20 mA) up to VDD. The load resistor must be dimensioned appropriately, taking
the maximum expected VDD voltage into account. The output is automatically deactivated
(short circuit protection) for loads in excess of 30 mA. Pin OUT can also drive a CMOS
input without connection of the external load.
A small internal 150 nA current sink Isink enables a full voltage swing to take place on pin
OUT, even if no load resistor is connected. This is useful for driving purely capacitive
CMOS inputs. The falling slope can be fairly slow in this mode, depending on load
capacitance.
The sampling rate (fs) corresponds to half of the frequency used in the RC timing circuit.
The sampling rate can be adjusted within a specified range by selecting the value of
CCLIN. The oscillator frequency is internally modulated by 4 % using a pseudo random
signal. This prevents interference caused by local AC-fields.
8.1 Output switching modes
The output switching behavior can be selected using pin TYPE (see Figure 6).
• Push-button (TYPE connected to VSS): The output OUT is active as long as the
capacitive event2 lasts.
• Toggle (TYPE connected to VDD(INTREGD)): The output OUT is activated by the first
capacitive event and deactivated by a following capacitive event.
• Pulse (CTYPE connected between TYPE and VSS): The output OUT is activated for a
defined time at each capacitive event. The pulse duration is determined by the value
of CTYPE and is approximately 2.5 ms/nF.
A typical value for CTYPE is 4.7 nF which results in an output pulse duration of about
10 ms. The maximum value of CTYPE is 470 nF which results in a pulse duration of
about 1 s. Capacitive events are ignored that occur during the time the output is active.
Figure 6 illustrates the switching behavior for the output switching modes. Additionally the
graph illustrates, that short-term disturbances on the sensor are suppressed by the circuit.
2.
A capacitive event is a dynamic increase of capacitance at the sensor input pin IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com