Electronic Components Datasheet Search
  English  ▼

X  

MOCD223M Datasheet(PDF) 2 Page - ON Semiconductor

Part # MOCD223M
Description  8-pin SOIC Darlington Output Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOCD223M Datasheet(HTML) 2 Page - ON Semiconductor

  MOCD223M Datasheet HTML 1Page - ON Semiconductor MOCD223M Datasheet HTML 2Page - ON Semiconductor MOCD223M Datasheet HTML 3Page - ON Semiconductor MOCD223M Datasheet HTML 4Page - ON Semiconductor MOCD223M Datasheet HTML 5Page - ON Semiconductor MOCD223M Datasheet HTML 6Page - ON Semiconductor MOCD223M Datasheet HTML 7Page - ON Semiconductor MOCD223M Datasheet HTML 8Page - ON Semiconductor MOCD223M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC223M, MOCD223M Rev. 4.6
August 2015
MOC223M, MOCD223M
8-pin SOIC Darlington Output Optocouplers
Features
•
High Current Transfer Ratio of 500% Minimum at
IF = 1 mA
•Minimum BVCEO of 30 V Guaranteed
•
Convenient Plastic SOIC-8 Surface Mountable
Package Style, with 0.050" Lead Spacing
•
Safety and Regulatory Approvals:
– UL1577, 2,500 VACRMS for 1 Minute
– DIN-EN/IEC60747-5-5, 565 V Peak Working
Insulation Voltage
Applications
•
Low Power Logic Circuits
•
Interfacing and Coupling Systems of Different
Potentials and Impedances
•
Telecommunications Equipment
•
Portable Electronics
•
Solid State Relays
Description
The MOC223M consists of a gallium arsenide infrared
emitting diode optically coupled to a monolithic silicon
photodarlington detector, in a surface mountable, small
outline, plastic package. The MOCD223M is a dual-
channel version of the MOC223M. They are
ideally
suited for high density applications, and eliminates the
need for through the board mounting.
Package Outline
Figure 1. Package Outline
Schematics
Figure 2. Schematics
BASE
N/C
ANODE
CATHODE
1
2
3
4
5
6
7
8
EMITTER
COLLECTOR
N/C
N/C
EMITTER 1
COLLECTOR 1
LED 1 ANODE
LED 1 CATHODE
1
2
3
4
5
6
7
8
EMITTER 2
COLLECTOR 2
LED 2 ANODE
LED 2 CATHODE
MOCD223M
MOC223M



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com