Electronic Components Datasheet Search
  English  ▼

X  

1PS16 Datasheet(PDF) 2 Page - APEM Components, Inc.

Part # 1PS16
Description  5E/5G 1PS/1QS/1RS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIMEC [APEM Components, Inc.]
Direct Link  https://www.apem.com/idec-apem/en_IN
Logo MULTIMEC - APEM Components, Inc.

1PS16 Datasheet(HTML) 2 Page - APEM Components, Inc.

  1PS16 Datasheet HTML 1Page - APEM Components, Inc. 1PS16 Datasheet HTML 2Page - APEM Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max 12.5
10.16
Min
Max 12.5
0.3
6.5
0.8
7.62
Max 10.1
10.16
ø 0.9
-2
1
+3
4
Dimensions (w/LED)
Dimensions (through-hole)
Dimensions (SMD)
Ordering example: 5ETH935+1PS08
mec Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark
Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . E-mail: danmec@mec.dk . www.mec.dk.
6.5
Max 12.5
10.16
Min
0.3
Max 12.5
0.8
7.62
10.3
Ø0,9
10,16
1
+3
2
-
4
10.3
1QS
1RS
Max 12.5
10.1
6.5
7.62
0.8
12.5
2.5
PCB layout
PCB layout
PCB layout
Colour code
00 blue
03 grey
08 red
09 black
11 transparent
16 frosted white
See colour codes on our website: www.mec.dk
Cap
1QS with lens
1RS with lens
1PS
Cap
1PS solid colour
Switch Mounting
TH9 through
-hole
SH9 surface
mount
5G
HOW TO ORDER
Actuation
force
20
35
65
Actuation force
20
35
65
LED
01 blue
22 green
42 yellow
61 white
82 red
2242 green/yellow
8222 red/green
8242 red/yellow
Switch to be used: 5E or 5G
Mounting
TH9 through-hole
SH9 surface mount
5G
5E
Lens
1 transparent
6 frosted white
Colour code
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
Dimensions (mm) Unless otherwise specified, all tolerances 0,2
+
-
multimec® 5E/5G + 1PS/1QS/1RS
Technical Data
through-hole or SMD
50mA/24VDC
single pole/momentary
10.000.000 operations life time
IP67 sealing
temperature range:
LED:-40/+85°C
solid cap +65°C
transparent +85°C
actuation force: 2.0, 3.5, 6.5 N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com