Electronic Components Datasheet Search
  English  ▼

X  

SN74HC166AIDREP Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74HC166AIDREP
Description  8-BIT PARALLEL-LOAD SHIFT REGISTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HC166AIDREP Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC166AIDREP Datasheet HTML 1Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 2Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 3Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 4Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 5Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 6Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 7Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 8Page - Texas Instruments SN74HC166AIDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN74HC166AEP
8BIT PARALLELLOAD SHIFT REGISTER
SCLS559 − JANUARY 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
MIN
MAX
UNIT
VCC
MIN
MAX
MIN
MAX
UNIT
2 V
6
5
fclock
Clock frequency
4.5 V
31
25
MHz
fclock
Clock frequency
6 V
36
29
MHz
2 V
100
125
CLR low
4.5 V
20
25
tw
Pulse duration
CLR low
6 V
17
21
ns
tw
Pulse duration
2 V
80
100
ns
CLK high or low
4.5 V
16
20
CLK high or low
6 V
14
17
2 V
145
180
SH/LD high before CLK
↑
4.5 V
29
36
SH/LD high before CLK
↑
6 V
25
31
2 V
80
100
SER before CLK
↑
4.5 V
16
20
SER before CLK
↑
6 V
14
17
2 V
100
125
tsu
Setup time
CLK INH low before CLK
↑
4.5 V
20
25
ns
tsu
Setup time
CLK INH low before CLK
↑
6 V
17
21
ns
2 V
80
100
Data before CLK
↑
4.5 V
16
20
Data before CLK
↑
6 V
14
17
2 V
40
50
CLR inactive before CLK
↑
4.5 V
8
10
CLR inactive before CLK
↑
6 V
7
9
2 V
0
0
SH/LD high after CLK
↑
4.5 V
0
0
SH/LD high after CLK
↑
6 V
0
0
2 V
5
5
SER after CLK
↑
4.5 V
5
5
th
Hold time
SER after CLK
6 V
5
5
ns
th
Hold time
2 V
0
0
ns
CLK INH high after CLK
↑
4.5 V
0
0
CLK INH high after CLK
↑
6 V
0
0
2 V
5
5
Data after CLK
↑
4.5 V
5
5
Data after CLK
6 V
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com