Electronic Components Datasheet Search
  English  ▼

X  

SN74HC166AIPWREP Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74HC166AIPWREP
Description  8-BIT PARALLEL-LOAD SHIFT REGISTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HC166AIPWREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC166AIPWREP Datasheet HTML 2Page - Texas Instruments SN74HC166AIPWREP Datasheet HTML 3Page - Texas Instruments SN74HC166AIPWREP Datasheet HTML 4Page - Texas Instruments SN74HC166AIPWREP Datasheet HTML 5Page - Texas Instruments SN74HC166AIPWREP Datasheet HTML 6Page - Texas Instruments SN74HC166AIPWREP Datasheet HTML 7Page - Texas Instruments SN74HC166AIPWREP Datasheet HTML 8Page - Texas Instruments SN74HC166AIPWREP Datasheet HTML 9Page - Texas Instruments SN74HC166AIPWREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN74HC166AEP
8BIT PARALLELLOAD SHIFT REGISTER
SCLS559 − JANUARY 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
6
11
5
fmax
4.5 V
31
36
25
MHz
fmax
6 V
36
45
29
MHz
2 V
62
120
150
tPHL
CLR
QH
4.5 V
18
24
30
ns
tPHL
CLR
QH
6 V
13
20
26
ns
2 V
75
150
190
tpd
CLK
QH
4.5 V
15
30
38
ns
tpd
CLK
QH
6 V
13
26
32
ns
2 V
38
75
95
tt
Any
4.5 V
8
15
19
ns
tt
Any
6 V
6
13
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com