Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS251 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74HCS251
Description  SN74HCS251 8-to-1 Multiplexer with 3-State Outputs and Schmitt-Trigger Inputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS251 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HCS251 Datasheet HTML 5Page - Texas Instruments SN74HCS251 Datasheet HTML 6Page - Texas Instruments SN74HCS251 Datasheet HTML 7Page - Texas Instruments SN74HCS251 Datasheet HTML 8Page - Texas Instruments SN74HCS251 Datasheet HTML 9Page - Texas Instruments SN74HCS251 Datasheet HTML 10Page - Texas Instruments SN74HCS251 Datasheet HTML 11Page - Texas Instruments SN74HCS251 Datasheet HTML 12Page - Texas Instruments SN74HCS251 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
8 Detailed Description
8.1 Overview
The SN74HCS251 is a data selector/multiplexer containing full binary decoding to select 1-of-8 data sources and
features strobe-controlled complementary 3-state outputs.
The 3-state outputs can interface with and drive data lines of bus-organized systems. With all but one of the
common outputs disabled (in the high-impedance state), the low impedance of the single enabled output drives
the bus line to a high or low logic level. Both outputs are controlled by the output-enable (OE) input. The outputs
are disabled when OE is high.
8.2 Functional Block Diagram
000
001
010
011
100
101
110
111
A
B
C
CBA
D0
D1
D2
D3
D4
D5
D6
D7
Y
W
OE
Figure 8-1. Logic Diagram (Positive Logic) for SN74HCS251
8.3 Feature Description
8.3.1 Balanced CMOS 3-State Outputs
This device includes balanced CMOS 3-State outputs. The three states that these outputs can be in are driving
high, driving low, and high impedance. The term "balanced" indicates that the device can sink and source similar
currents. The drive capability of this device may create fast edges into light loads so routing and load conditions
should be considered to prevent ringing. Additionally, the outputs of this device are capable of driving larger
currents than the device can sustain without being damaged. It is important for the output power of the device to
www.ti.com
SN74HCS251
SCLS841 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN74HCS251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com