Electronic Components Datasheet Search
  English  ▼

X  

MIC38HC42YN Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC38HC42YN
Description  BiCMOS 1A Current-Mode PWM Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC38HC42YN Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC38HC42YN Datasheet HTML 1Page - Micrel Semiconductor MIC38HC42YN Datasheet HTML 2Page - Micrel Semiconductor MIC38HC42YN Datasheet HTML 3Page - Micrel Semiconductor MIC38HC42YN Datasheet HTML 4Page - Micrel Semiconductor MIC38HC42YN Datasheet HTML 5Page - Micrel Semiconductor MIC38HC42YN Datasheet HTML 6Page - Micrel Semiconductor MIC38HC42YN Datasheet HTML 7Page - Micrel Semiconductor MIC38HC42YN Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC38HC42/3/4/5
Micrel, Inc.
M9999-042205
2
April 2005
Ordering Information
Part Number
Junction
Standard
Pb-Free
Temp. Range
Package
MIC38HC42BN
MIC38HC42YN
–40°C to +85°C
8-pin Plastic DIP
MIC38HC43BN
MIC38HC43YN
–40°C to +85°C
8-pin Plastic DIP
MIC38HC44BN
MIC38HC44YN
–40°C to +85°C
8-pin Plastic DIP
MIC38HC45BN
MIC38HC45YN
–40°C to +85°C
8-pin Plastic DIP
MIC38HC42-1BN
Contact Factory
–40°C to +85°C
14-pin Plastic DIP
MIC38HC43-1BN
Contact Factory
–40°C to +85°C
14-pin Plastic DIP
MIC38HC44-1BN
Contact Factory
–40°C to +85°C
14-pin Plastic DIP
MIC38HC45-1BN
Contact Factory
–40°C to +85°C
14-pin Plastic DIP
MIC38HC42BM
MIC38HC42YM
–40°C to +85°C
8-pin SOIC
MIC38HC43BM
MIC38HC43YM
–40°C to +85°C
8-pin SOIC
MIC38HC44BM
MIC38HC44YM
–40°C to +85°C
8-pin SOIC
MIC38HC45BM
MIC38HC45YM
–40°C to +85°C
8-pin SOIC
MIC38HC42-1BM
MIC38HC42-1YM
–40°C to +85°C
14-pin SOIC
MIC38HC43-1BM
MIC38HC43-1YM
–40°C to +85°C
14-pin SOIC
MIC38HC44-1BM
MIC38HC44-1YM
–40°C to +85°C
14-pin SOIC
MIC38HC45-1BM
MIC38HC45-1YM
–40°C to +85°C
14-pin SOIC
UVLO Thresholds
Startup 8.4V
Startup 14.5V
Duty Cycle
Minimum Operating 7.6V
Minimum Operating 9V
0% to 96%
MIC38HC43
MIC38HC42
0% to 50%
MIC38HC45
MIC38HC44
Selection Guide



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com