Electronic Components Datasheet Search
  English  ▼

X  

SAK Datasheet(PDF) 2 Page - Weidmuller

Part # SAK
Description  SAK Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

SAK Datasheet(HTML) 2 Page - Weidmuller

  SAK Datasheet HTML 1Page - Weidmuller SAK Datasheet HTML 2Page - Weidmuller SAK Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data sheet
 
SAK Series
SAKR/35 2STB
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
Technical data
 
 
Creation date July 2, 2018 11:08:17 AM CEST
 
Catalogue status 29.06.2018 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Width
6.5 mm
  Width (inches)
0.256 inch
Height
42 mm
  Height (inches)
1.654 inch
Depth
40.5 mm
  Depth (inches)
1.594 inch
Net weight
9.44 g
   
 
Temperatures
 
Continuous operating temp., min.
-50 °C
  Continuous operating temp., max.
100 °C
 
Material data
 
Material
PA 66
  Colour
beige / yellow
UL 94 flammability rating
V-2
   
 
System specifications
 
Version
Screw connection,
Disconnection element,
with sockets, One end
without connector
  Tightening torque (clamping screw for
copper conductors)
0.5...1 Nm
End cover plate required
Yes
  Number of potentials
1
Number of levels
1
  No. of clamping points per level
2
Number of potentials per tier
1
  Levels cross-connected internally
No
PE connection
No
  Mounting rail
TS 35
N-function
No
  PE function
No
PEN function
No
   
 
Additional technical data
 
Explosion-tested version
No
  Installation advice
Direct mounting
Number of similar terminals
1
  Open sides
right
Type of mounting
Snap-on
   
 
Conductors for clamping (rated connection)
 
Blade size
0.6 x 3.5 mm
  Clamping range, max.
4 mm²
Clamping range, min.
0.13 mm²
  Clamping screw
M 3
Connection cross-section, stranded,
max.
4 mm²
  Connection cross-section, stranded, min.
1.5 mm²
Connection direction
on side
  Gauge to IEC 60947-1
A3
Number of connections
2
  Stripping length
8 mm
Tightening torque, max.
1 Nm
  Tightening torque, min.
0.5 Nm
Torque level with DMS electric
screwdriver
2
  Twin wire-end ferrules, max.
1.5 mm²
Twin wire-end ferrules, min.
0.5 mm²
  Type of connection
Screw connection
Wire connection cross section AWG,
max.
AWG 12
  Wire connection cross section AWG,
min.
AWG 26
Wire connection cross section, finely
stranded, max.
4 mm²
  Wire connection cross-section, finely
stranded with wire-end ferrules DIN
46228/1, max.
2.5 mm²
Wire connection cross-section, finely
stranded with wire-end ferrules DIN
46228/1, min.
0.5 mm²
  Wire connection cross-section, finely
stranded, min.
0.5 mm²
Wire connection cross-section, solid
core, max.
4 mm²
  Wire connection cross-section, solid
core, min.
0.5 mm²
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com