Electronic Components Datasheet Search
  English  ▼

X  

1084 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1084
Description  Mechanical Decade Counters - Small Size - Pack of 5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1084 Datasheet(HTML) 2 Page - Adafruit Industries

  1084 Datasheet HTML 1Page - Adafruit Industries 1084 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
Click click click - oh pardon me I was having fun clicking away on my mechanical decade counters. Each
order comes with five individual counters. They're snap together so you can connect as many or as few as
you'd like. Each one has two buttons - an up counter and down counter. Once you get to 9 it circles back to
zero. On the back is a PCB with 11 contacts - one common and then 10 that are shorted to the common one
by one as the counter goes by that number.
These make for an interesting interface! This one is the smaller size with a bezel size of 1.85" x 0.94" (for 5
counters with 2 end caps)
Technical Details
Dimensions:
o
bezel size 1.85" x 0.94" (for 5 counters with 2 end caps)
o
mounting hole size 1.72" x 0.875" (for 5 counters with 2 end caps)
o
total depth (from front of button to the edge of the PCB) 1.6"
o
single counter width 0.32"
                                Engineered in NYC Adafruit ® https://www.adafruit.com/product/1084 5‐5‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com