Electronic Components Datasheet Search
  English  ▼

X  

SN74173 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74173
Description  4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74173 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74173 Datasheet HTML 4Page - Texas Instruments SN74173 Datasheet HTML 5Page - Texas Instruments SN74173 Datasheet HTML 6Page - Texas Instruments SN74173 Datasheet HTML 7Page - Texas Instruments SN74173 Datasheet HTML 8Page - Texas Instruments SN74173 Datasheet HTML 9Page - Texas Instruments SN74173 Datasheet HTML 10Page - Texas Instruments SN74173 Datasheet HTML 11Page - Texas Instruments SN74173 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SN54173, SN54LS173A, SN74173, SN74LS173A
4-BIT D-TYPE REGISTERS
WITH 3-STATE OUTPUTS
SDLS067A – OCTOBER 1976 – REVISED JUNE 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TA = 25°C, RL = 667 Ω (see Figure 2)
PARAMETER
TEST CONDITIONS
SN54LS173A
SN74LS173A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
fmax
Maximum clock frequency
30
50
30
50
MHz
tPHL
Propagation delay time,
high-to-low-level output from clear input
26
35
26
35
ns
tPLH
Propagation delay time,
low-to-high-level output from clock input
CL = 45 pF
17
25
17
25
ns
tPHL
Propagation delay time,
high-to-low-level output from clock input
L
22
30
22
30
ns
tPZH
Output enable time to high level
15
23
15
23
ns
tPZL
Output enable time to low level
18
27
18
27
ns
tPHZ
Output disable time from high level
CL =5 pF
11
20
11
20
ns
tPLZ
Output disable time from low level
CL = 5 pF
11
17
11
17
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com