Electronic Components Datasheet Search
  English  ▼

X  

EGS2016AFE Datasheet(PDF) 39 Page - Eaton All Rights Reserved.

Part # EGS2016AFE
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGS2016AFE Datasheet(HTML) 39 Page - Eaton All Rights Reserved.

Back Button EGS2016AFE Datasheet HTML 35Page - Eaton All Rights Reserved. EGS2016AFE Datasheet HTML 36Page - Eaton All Rights Reserved. EGS2016AFE Datasheet HTML 37Page - Eaton All Rights Reserved. EGS2016AFE Datasheet HTML 38Page - Eaton All Rights Reserved. EGS2016AFE Datasheet HTML 39Page - Eaton All Rights Reserved. EGS2016AFE Datasheet HTML 40Page - Eaton All Rights Reserved. EGS2016AFE Datasheet HTML 41Page - Eaton All Rights Reserved. EGS2016AFE Datasheet HTML 42Page - Eaton All Rights Reserved. EGS2016AFE Datasheet HTML 43Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-39
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Magnum IEC Low Voltage Air Circuit Breakers
Auxiliary Switch
N = None
2 = 2A/2B
4 = 4A/4B
6 = 6A/6B
Breaker Frame
I = Standard
or double
N = Narrow
K = Special
1100 Vac ACB
Sensor and Rating Plug Rating
NN = None
02 = 200
05 = 250
03 = 300
04 = 400
06 = 600
07 = 630
08 = 800
10 = 1000
12 = 1200
13 = 1250
16 = 1600
20 = 2000
25 = 2500
30 = 3000
32 = 3200
40 = 4000
50 = 5000
63 = 6300
Nameplate Language
E = English
A = Spanish
Poles and Neutral
(Facing Front of Breaker)
3 = Three
4 = Four (neutral left)
R = Four (reserved for neutral right)
Future Use
X = All ACBs
ACB Shipping Instructions
A = Fixed ACB with door kit
F = Fixed ACB without door kit
A = D/O ACB only without
door kit
C = D/O ACB in cassette
(unwired)
P = D/O ACB in cassette
(prewired)
S = D/O ACB in cassette
(shutters)
W = D/O ACB in cassette
(prewired and shutters)
Double frame D/O ACBs ship
without cassette
Shunt Trip
Attachment (STA)
N = None
A = 110–127 Vac
R = 208–240 Vac
C = 24 Vdc
H = 48 Vdc
Bell Alarms Switch (OTS) with 2a/2b
Contacts and/or Mechanical Trip Indicator
OTS 2a/2b
Trip Indicator
E =
N =
Y =
No OTS
No OTS
With OT
No indicator
With indicator
With indicator
Operations Counter and/or
Keylock Provisions
Counter
Keylock
Provisions
N =
K =
C =
R =
A =
T =
L =
H =
No counter
No counter
No counter
No counter
Counter
Counter
Counter
Counter
No lock
Kirk lock
Castell lock
Ronis lock
No lock
Kirk lock
Castell lock
Ronis lock
MW I 4 08 3 H E A–02 22 A M A A 2 E M K L A X
Motor Operator
M = Manual operated
N = 110–125 Vac
W = 110–125 Vdc
T = 220–250 Vdc
P = 220–250 Vac
L = 24 Vdc
K = 48 Vdc
Spring Release
Device (SRD)
N = None
A = 110–127 Vac/Vdc
R = 208–240 Vac/Vdc
C = 24 Vdc
H = 48 Vdc
Undervoltage Release (UVR) or
2nd Shunt Trip Attachment
(STA)
N = None
A = 110–127 Vac
R = 208–240 Vac
C = 24 Vdc
H = 48 Vdc
E = 110–125 Vdc
F = 220–250 Vdc
G = 32 Vdc
X = 380–415 Vac
J = 480 Vac
K = 600 Vac
1 = 2nd STA (110–127 Vac/Vdc)
2 = 2nd STA (208–250 Vac/Vdc)
3 = 2nd STA (24 Vdc)
4 = 2nd STA (48 Vdc)
Continuous Amperes
and Phasing (Facing
Front of Breaker)
08 = 800 ABC
10 = 1000 ABC
12 = 1250 ABC
16 = 1600 ABC
20 = 2000 ABC
25 = 2500 ABC
32 = 3200 ABC
4N = 4000 AABBCC
5N = 5000 AABBCC
6N = 6300 AABBCC
40 = 4000 ABCABC
50 = 5000 ABCABC
60 = 6300 ABCABC
Mounting Configuration
and Load Terminals
H = Fixed horizontal
V = Fixed vertical
L = Drawout horizontal
Latch Checking Switch/Trip Unit
Metering Voltage Connection
for Digitrip 1150 Trip Unit
Latch Check
Switch
1150 Voltage
Connection
N =
M =
L =
Y =
C =
D =
None
None
LCS wired to SRD
LCS wired to SRD
LCS wired external
LCS wired external
Upper terminals
Lower terminals
Upper terminals
Lower terminals
Upper terminals
Lower terminals
Trip Unit Protection,
(and External Control
Voltage When Required)
NN = Non-automatic (no trip unit)
22
= 220 LI
52
= 520 LSI
5W = 520i LSIG
M2 = 520M LSI
MT = 520M LSI (24–48 Vdc)
MU = 520M LSI (120 Vac)
MV = 520M LSI (240 Vac)
MW = 520Mi LSIG
MJ = 520Mi LSIG (24–48 Vdc)
MK = 520Mi LSIG (120 Vac)
ML = 520Mi LSIG (240 Vac)
ME = 520M LSIA (24–48 Vdc)
MC = 520M LSIA (120 Vac)
MF = 520M LSIA (240 Vac)
CT = 520MC LSI
CU = 520MC LSI
CV = 520MC LSI
CE = 520MC LSIA
CC = 520MC LSIA
CF
= 520MC LSIA
CJ = 520MCi LSIG
CK = 520MCi LSIG
CL
= 520MCi LSIG
1W = 1150i LSI (24–48 Vdc)
1N = 1150i LSI (120 Vac)
1P
= 1150i LSI (240 Vac)
1R
= 1150i LSIG/A (24–48 Vdc)
1S
= 1150i LSIG/A (120 Vac)
1T
= 1150i LSIG/A (240 Vac)
Interrupting ICU
4 = 40 kA
5 = 50 kA
6 = 65 kA
8 = 85 kA
C = 100 kA
2 = 25 kA
(1100 Vac MWK)
Padlock Provisions for Blocking Close
and/or Open ACB Manual Pushbuttons
N = None
M = Metal (block close and open)
P = Plastic (block close and open)
C = Metal (block close only)
H = Plastic (block close only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com