Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFE Datasheet(PDF) 21 Page - Eaton All Rights Reserved.

Part # EGC2016AFE
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFE Datasheet(HTML) 21 Page - Eaton All Rights Reserved.

Back Button EGC2016AFE Datasheet HTML 17Page - Eaton All Rights Reserved. EGC2016AFE Datasheet HTML 18Page - Eaton All Rights Reserved. EGC2016AFE Datasheet HTML 19Page - Eaton All Rights Reserved. EGC2016AFE Datasheet HTML 20Page - Eaton All Rights Reserved. EGC2016AFE Datasheet HTML 21Page - Eaton All Rights Reserved. EGC2016AFE Datasheet HTML 22Page - Eaton All Rights Reserved. EGC2016AFE Datasheet HTML 23Page - Eaton All Rights Reserved. EGC2016AFE Datasheet HTML 24Page - Eaton All Rights Reserved. EGC2016AFE Datasheet HTML 25Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-21
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
QUICKLAG Type QC Miniature Circuit Breakers—Cable-In/Cable-Out
1/2-Inch Wide Types QCR, QCF
Features
When Space is at a Premium
●
QCR: For DIN rail mount cable-in/cable-out applications
●
QCF: For front-mount through-the-door cable-in/cable-out
applications
●
1/2 in (12.7 mm) wide per pole
●
Three-position handle: ON, tripped (center), OFF
●
Thermal-magnetic protection
●
Single-, two- and three-pole
●
10 kAIC at 120/240 Vac, 10–60A
●
10 kAIC at 240 Vac, 10–30A
Catalog Number Selection
QUICKLAG Type QC Miniature Circuit Breakers—Cable-In/Cable-Out 1/2-Inch Wide Types QCR, QCF
Product Selection
QUICKLAG Type QCR Breakers 10 kAIC
QUICKLAG Type QCF Breakers 10 kAIC
Interrupting Ratings 1234
Interrupting Ratings 123
Notes
1 Standard breaker terminals are box type lugs.
2 Breakers with “T” catalog number suffix are suitable for line and load side ring terminal connection (#10-32 plus/minus terminal screw provided).
3 Breakers with “P” catalog number suffix are suitable for terminating two 10 AWG quick-connect type terminals per phase on breaker load side.
4 Breakers with shunt trip (extra pole required on breaker right-hand side) are available on single-, two- and three-pole.
5 All 15 and 20A single-pole breakers are SWD (switching duty) rated for fluorescent lighting applications.
6 60/75°C Cu/Al wire on all ratings except 60A, which requires Cu only conductor.
Continuous
Ampere Rating
at 40ºC
Single-Pole
120/240 Vac
Catalog Number
Two-Pole
120/240 Vac
Catalog Number
Three-Pole
240 Vac
Catalog Number
Continuous
Ampere Rating
at 40ºC
Single-Pole
120/240 Vac
Catalog Number
Two-Pole
120/240 Vac
Catalog Number
Three-Pole
240 Vac
Catalog Number
10
QCR1010
QCR2010
—
10
QCF1010
QCF2010
—
QCR1010T
QCR2010T
—
QCF1010T
QCF2010T
—
15
QCR1015 5
QCR2015
QCR3015H
15
QCF1015 5
QCF2015
QCF3015H
QCR1015T 5
QCR2015T
QCR3015HT
—
—
QCF3015HT
20
QCR1020 5
QCR2020
QCR3020H
20
QCF1020 5
QCF2020
QCF3020H
QCR1020T 5
QCR2020T
QCR3020HT
—
—
QCF3020HT
25
QCR1025
QCR2025
QCR3025H
25
QCF1025
QCF2025
QCF3025H
—
—
QCR3025HT
—
—
QCF3025HT
30
QCR1030
QCR2030
QCR3030H
30
QCF1030
QCF2030
QCF3030H
—
—
QCR3030HT
—
—
QCF3030HT
35
QCR1035
QCR2035
—
40
QCF1040
QCF2040
—
40
QCR1040
QCR2040
—
50
QCF1050
QCF2050
—
45
QCR1045
QCR2045
—
60 6
QCF1060
QCF2060
—
50
QCR1050
QCR2050
—
55
QCR1055
—
—
60 6
QCR1060
QCR2060
—
Breaker Type
QCR = QCD Breaker (rear mount)
QCF = QCF Breaker (front mount)
Ampere Rating
010 = 10 amp
015 = 15 amp
020 = 20 amp
025 = 25 amp
030 = 30 amp
035 = 35 amp
040 = 40 amp
045 = 45 amp
050 = 50 amp
055 = 55 amp
060 = 60 amp
Construction/Terminals
H = 240V (two- and three-pole only)
T = Ring or spade terminals
(10–30A only)
QCR 1 020 T
Number of Poles
1 = Single-pole
2 = Two-pole
3 = Three-pole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com