Electronic Components Datasheet Search
  English  ▼

X  

1186 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 1186
Description  Massive Arcade Button with LED - 100mm Yellow
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1186 Datasheet(HTML) 1 Page - Adafruit Industries

  1186 Datasheet HTML 1Page - Adafruit Industries 1186 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Massive Arcade Button with LED - 100mm
Yellow
PRODUCT ID: 1186
Description
OMG WATCH OUT! This 100mm diameter arcade button with a 16mm deep plastic
base is so massive and inviting it may collapse upon itself and form a black hole from
which not even light can escape! Until it does, however, it ready for all sorts of pressing
and pushing. Science has shown no one can resist pressing its shiny surface and saying
"beep!". We've seen these on some games of skill in arcades, they're easy to mount on
nearly any kind of enclosure. They're not waterproof or weatherproof, so best used
indoors.
This button has a domed yellow plastic cover with a black retaining ring around it.
There's an optional LED included that will light up the button. The LED has a built in
resistor so you can run it up to 12V but given the massive size and shallow depth of the
button, it doesn't illuminate the entire button face evenly. The button activates a common
arcade microswitch (included), the switch contacts are normally open. When the button is
pressed, the contacts close.


Similar Part No. - 1186

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1186 ETC-1186 Datasheet
210Kb / 1P
Heyco짰 Male/Female Combination Terminals ??7 Gauge
logo
Heyco.
1186 HEYCO-1186 Datasheet
210Kb / 1P
Male/Female Combination Terminals - 27 Gauge
logo
CEE Norm UK Ltd
1186 CEENORM-1186 Datasheet
1Mb / 4P
Socket Outlets
logo
RAF ELECTRONIC HARDWARE
1186-10-N RAF-1186-10-N Datasheet
48Kb / 1P
3/8 ROUND SPACERS
1186-10-SS RAF-1186-10-SS Datasheet
48Kb / 1P
3/8 ROUND SPACERS
More results

Similar Description - 1186

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-257YGM1G-2Y-1A LUCKY-LIGHT-LL-257YGM1G-2Y-1A Datasheet
146Kb / 9P
Yellow & Yellow Green LED
LL-307YGM2E-2Y-1A LUCKY-LIGHT-LL-307YGM2E-2Y-1A Datasheet
149Kb / 9P
Yellow & Yellow Green LED
LL-257YGM1G-2Y-1A LUCKY-LIGHT-LL-257YGM1G-2Y-1A_15 Datasheet
146Kb / 9P
Yellow & Yellow Green LED
LL-307YGM2E-2Y-1A LUCKY-LIGHT-LL-307YGM2E-2Y-1A_15 Datasheet
149Kb / 9P
Yellow & Yellow Green LED
LL-309YGM2E-2Y-1A LUCKY-LIGHT-LL-309YGM2E-2Y-1A_15 Datasheet
147Kb / 9P
Yellow & Yellow Green LED
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A_15 Datasheet
149Kb / 9P
Yellow & Yellow Green LED
LL-3010YGM2E-2Y-1A LUCKY-LIGHT-LL-3010YGM2E-2Y-1A_15 Datasheet
147Kb / 9P
Yellow & Yellow Green LED
logo
SparkFun Electronics
COM-09338 SPARKFUN-COM-09338 Datasheet
181Kb / 1P
Concave Button - Yellow
5/25/2016
SPX-15591 SPARKFUN-SPX-15591 Datasheet
366Kb / 2P
Qwiic Arcade - Red
8??3??9
SPX-15592 SPARKFUN-SPX-15592 Datasheet
112Kb / 2P
Qwiic Arcade - Blue
8??3??9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com