Electronic Components Datasheet Search
  English  ▼

X  

1325 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1325
Description  Adafruit FPC Stick - 20 Pin 0.5mm/1.0mm Pitch Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1325 Datasheet(HTML) 2 Page - Adafruit Industries

  1325 Datasheet HTML 1Page - Adafruit Industries 1325 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connect to 0.5mm, 1.0mm and even some 2.0mm pitch connectors that you may
run across with an FPC stick. We designed this for use in house, to quickly connect
to FPCs we need to test. But we also thought it might be useful for our customers.
On either side is a 20 pin 0.5 or 1.0mm pitch connector with long pads and one
very long 'mechanical' pad. Each pad is broken out to a 20-pin long 0.1" spaced
header. It can accommodate most ZIF and snap connectors and will make
prototyping much easier on you!
Each order comes with a single double-sided PCB stick (one side 0.5mm the other
1.0mm), no header or other connectors included.
Adafruit FPC Stick - 20 Pin 0.5mm/1.0mm Pitch Adapter (2:15
(https://www.youtube.com/watch?
feature=player_detailpage&v=6lFpcLXL9n0#t=135))
Page 2 of 2
2/23/2015
http://www.adafruit.com/product/1325



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com