Electronic Components Datasheet Search
  English  ▼

X  

1377 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1377
Description  SMT Breakout PCB for 48-QFN or 48-TQFP - 3 Pack!
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1377 Datasheet(HTML) 2 Page - Adafruit Industries

  1377 Datasheet HTML 1Page - Adafruit Industries 1377 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Beguiled by a fancy new chip that is only available in a QFP or QFN pinout? This
breakout PCB set will make your life much much easier and get you prototyping
faster than ever. One side has a 48-QFP pin out with traces going to two rows of
0.1" spaced holes, the other has 48-QFN (7mm body). Solder your chip to either
side and you're ready to rock on any solderless breadboard. There's even a THM
pad on the opposite side of the QFN body pad so you can fill it with solder for a
heat sink and/or connect a wire to it (say when the pad must be grounded).
Each item comes with three PCBs, each PCB is identical and can support either a
7mm square QFP or 7mm square QFN chip. Standard thickness PCBs, with 0.7"
spacing between the two rows. The PCBs may come on a supporting strip of PCB,
simply snap them off to use!
Page 2 of 2
10/5/2015
http://www.adafruit.com/products/1377



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com