Electronic Components Datasheet Search
  English  ▼

X  

1492 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1492
Description  Adafruit 50 pin 0.5mm pitch FPC Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1492 Datasheet(HTML) 2 Page - Adafruit Industries

  1492 Datasheet HTML 1Page - Adafruit Industries 1492 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connect to those pesky 0.5mm pitch connectors that you may run across with an
FPC stick. We designed this for use in house, to quickly connect to 50pin 0.5mm
pitch flex cables we need to test. But we also thought it might be useful for our
customers. There's a 50-pin long connector on top, and we have one very long
'mechanical' pad. Since the pad extends along the entire length you can use any
size 0.5mm pitch connector you wish, we seem to bump into 40 and 50 pin the
most. Each pad is broken out to a 25-pin long 0.1"x0.1" spaced header. One side is
doubled on the opposite side to make it bread-board friendly. It can accommodate
most ZIF and snap connectors and will make prototyping much easier on you!
Each order comes with a single PCB stick, no header or other connectors included.
Page 2 of 2
2/23/2015
http://www.adafruit.com/products/1492



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com