Electronic Components Datasheet Search
  English  ▼

X  

153 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 153
Description  Breadboarding wire bundle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

153 Datasheet(HTML) 1 Page - Adafruit Industries

  153 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Breadboarding wire bundle PRODUCT ID: 153
Description
75 flexible stranded core wires with stiff ends molded on in red, orange, yellow, green, blue, brown, black and
white. These are a major improvement over the "box of bent wires" that are sometimes sold with breadboards, and
faster than stripping your own solid core wires. Makes breadboarding super fast.
o
Approximately 75 wires in a mix of colors
o
~55 short wires 4.5" (120mm) long
o
~10 medium wires 5.5" (150mm) long wires
o
~5 long 7.5" (190mm) long wires
o
~5 x-tra long 9.5" (241mm) long wires
o
Breadboard not included
As of March 26, 2017, these now come with 'molex' 0.1" tips as opposed to the rubber molded tips. They're more
durable and stack up nicer next to each other!
Technical Details
                              Engineered in NYC Adafruit ® https://www.adafruit.com/product/153 6‐27‐17 


Similar Part No. - 153

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
153 RENESAS-153 Datasheet
945Kb / 149P
RENESAS MCU
logo
List of Unclassifed Man...
153 ETC2-153 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
France Joint
153 FRANCEJOINT-153 Datasheet
367Kb / 6P
ROD SEALS
logo
Howard Butler Ltd
153 HOBUT-153 Datasheet
126Kb / 2P
15 SERIES MOULDED CASE CURRENT TRANSFORMERS
logo
Walther-Werke
153 WALTHER-153 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 153

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD44102SKB ZMD-ZMD44102SKB Datasheet
147Kb / 1P
Starter Kit Bundle
logo
List of Unclassifed Man...
6103 ETC2-6103 Datasheet
160Kb / 1P
THE BREADBOARDING MEDIUM FOR SURFACE MOUNT
logo
PANDUIT CORP.
WBS6-Q PANDUIT-WBS6-Q Datasheet
38Kb / 2P
Bundle and secure wire cable
logo
Freescale Semiconductor...
RDMMA865X FREESCALE-RDMMA865X Datasheet
576Kb / 1P
Sensor Toolbox Bundle for MMA865xFC Acceleromters
logo
PANDUIT CORP.
BR2-4X PANDUIT-BR2-4X Datasheet
69Kb / 2P
BR2 BUNDLE RETAINER
BR5-E6-C PANDUIT-BR5-E6-C Datasheet
146Kb / 1P
Bundle Retainers
SICH25-C PANDUIT-SICH25-C Datasheet
82Kb / 1P
Clip around bundle to hold securely in place
logo
Keysight Technologies
W1467BP KEYSIGHT-W1467BP Datasheet
3Mb / 6P
SystemVue Array Architect Bundle
logo
Maxim Integrated Produc...
MAX1464EVKIT MAXIM-MAX1464EVKIT Datasheet
639Kb / 14P
Spare Area for Simple-Circuit Breadboarding
Rev 0; 12/06
logo
List of Unclassifed Man...
ULTIMAKER-S5 ETC-ULTIMAKER-S5 Datasheet
892Kb / 2P
Ultimaker S5 Pro Bundle
EN 05/2021 v1.03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com