Electronic Components Datasheet Search
  English  ▼

X  

266 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 266
Description  Premium Female/Female Jumper Wires - 40 x 6"
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

266 Datasheet(HTML) 1 Page - Adafruit Industries

  266 Datasheet HTML 1Page - Adafruit Industries 266 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Premium Female/Female Jumper Wires -
40 x 6"
PRODUCT ID: 266
Handy for making wire harnesses or jumpering between headers on PCB's. These
premium jumper wires approximately 6" (150mm) long and come in a 'strip' of
40 (4 pieces of each of ten colors). They have 0.1" sockets on either end and fit
cleanly next to each other on standard-pitch 0.1" (2.54mm) header. We recentlty
updated these so they are in a 'ribbon strip' instead of individual wires. You can
always pull the ribbon wires off to make individual jumpers, or keep them
together to make neatly organized wire harnesses.
We suggest picking up some extra-long break-away header pins as well, you
can stick those into the sockets to turn the cables into female-male or male-
female jumpers!


Similar Part No. - 266

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
266 ETC2-266 Datasheet
335Kb / 1P
T-1 3/4 STANDARD MIDGET GROOVE
logo
Littelfuse
266 LITTELFUSE-266 Datasheet
121Kb / 1P
Holder/No. 266 / Holder/No. 268
logo
Oscilent Corporation
266-12.0M-20-S-TR OSCILENT-266-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
logo
KR Electronics, Inc.
2660 KR-2660 Datasheet
78Kb / 2P
Bandpass Filter
logo
List of Unclassifed Man...
2660 ETC2-2660 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
More results

Similar Description - 266

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-08430 SPARKFUN-PRT-08430 Datasheet
101Kb / 1P
Jumper Wires Premium 6 F/F Pack of 10
4/12/2016
PRT-08431 SPARKFUN-PRT-08431 Datasheet
238Kb / 1P
Jumper Wires Premium 6 M/M Pack of 10
4/12/2016
PRT-09139 SPARKFUN-PRT-09139 Datasheet
173Kb / 1P
Jumper Wires Premium 6 M/F Pack of 100
4/12/2016
PRT-09140 SPARKFUN-PRT-09140 Datasheet
173Kb / 1P
Jumper Wires Premium 6 M/F Pack of 10
4/12/2016
PRT-09194 SPARKFUN-PRT-09194 Datasheet
103Kb / 1P
Jumper Wires Premium 6" Mixed Pack of 100
4/12/2016
PRT-09390 SPARKFUN-PRT-09390 Datasheet
98Kb / 1P
Jumper Wires Premium 12 F/F Pack of 100
4/12/2016
PRT-10897 SPARKFUN-PRT-10897 Datasheet
198Kb / 1P
Jumper Wires Premium 6 M/M Pack of 100
4/12/2016
PRT-10898 SPARKFUN-PRT-10898 Datasheet
199Kb / 1P
Jumper Wires Premium 6 F/F Pack of 100
4/12/2016
PRT-11709 SPARKFUN-PRT-11709 Datasheet
95Kb / 1P
Jumper Wires Premium 6 M/M - 20 AWG (10 Pack)
4/12/2016
PRT-11710 SPARKFUN-PRT-11710 Datasheet
157Kb / 1P
Jumper Wires Premium 6 F/F - 20 AWG (10Pack)
4/12/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com