Electronic Components Datasheet Search
  English  ▼

X  

471 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 471
Description  Arcade Button - 30mm Translucent Clear
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

471 Datasheet(HTML) 1 Page - Adafruit Industries

  471 Datasheet HTML 1Page - Adafruit Industries 471 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Arcade Button - 30mm Translucent Clear
PRODUCT ID: 471
Description
A button is a button, and a switch is a switch, but these translucent arcade buttons are in a class of their
own. They're the same size as common arcade controls (often referred to as 30mm diameter) but have some
nice things going for them that justify the extra dollar.
First, they look fantastic, all 6 colors have a crystal translucent glossy look. Although they do not have
LEDs built in, we're confident that sticking a diffused LED into the body would make it light up very
nicely. They are also shorter than cheap arcade controls, and snap into place, so you only need 1.5" of depth
(1.25" if you bend the contacts over). The button action is smooth, without a strong click, yet you can
definitely feel when the button is pressed. A tiny micro-switch is pre-installed, with gold plated contacts.


Similar Part No. - 471

ManufacturerPart #DatasheetDescription
logo
Littelfuse
471 LITTELFUSE-471 Datasheet
49Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
logo
Productwell Precision E...
471 PRODUCTWELL-471 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
3M Electronics
471 3M-471 Datasheet
32Kb / 3P
Vinyl Tape
logo
AiT Semiconductor Inc.
471 AITSEMI-471 Datasheet
817Kb / 4P
POWER INDUCTOR
471 AITSEMI-471 Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
More results

Similar Description - 471

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9001K2L SCHNEIDER-9001K2L Datasheet
142Kb / 2P
30MM ILLUM PUSH BUTTON OPERATOR
Dec 6, 2021
9001KR9P35R21H2Y238 SCHNEIDER-9001KR9P35R21H2Y238 Datasheet
145Kb / 1P
PUSH BUTTON 600VAC 10A 30MM TYPEK
Dec 28, 2021
logo
SparkFun Electronics
PRT-09567 SPARKFUN-PRT-09567 Datasheet
77Kb / 1P
Breadboard - Translucent Self-Adhesive (Clear)
5-15-17
logo
Schneider Electric
9001KU17 SCHNEIDER-9001KU17 Datasheet
137Kb / 2P
30mm Push Button, Types K or SK, clear protective boot, for selector switches
Jan 6, 2022
9001KU27 SCHNEIDER-9001KU27 Datasheet
145Kb / 2P
30MM CLEAR BOOT FOR PILOT LIGHT
Jan 6, 2022
9001KU7 SCHNEIDER-9001KU7 Datasheet
128Kb / 3P
30mm Push Button, Types K or SK, clear protective boot, for nonilluminated push buttons
Jan 6, 2022
9001C9 SCHNEIDER-9001C9 Datasheet
126Kb / 2P
30MM PLASTIC DOMED LENS CLEAR
Jan 20, 2022
9001K93R SCHNEIDER-9001K93R Datasheet
122Kb / 2P
30MM MUSHROOM BUTTON RED 57MM
Jan 20, 2022
logo
SparkFun Electronics
SPX-15591 SPARKFUN-SPX-15591 Datasheet
366Kb / 2P
Qwiic Arcade - Red
8??3??9
SPX-15592 SPARKFUN-SPX-15592 Datasheet
112Kb / 2P
Qwiic Arcade - Blue
8??3??9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com