Electronic Components Datasheet Search
  English  ▼

X  

473 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 473
Description  Arcade Button - 30mm Translucent Red
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

473 Datasheet(HTML) 1 Page - Adafruit Industries

  473 Datasheet HTML 1Page - Adafruit Industries 473 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Arcade Button - 30mm Translucent Red
PRODUCT ID: 473
Description
A button is a button, and a switch is a switch, but these translucent arcade buttons are in a class of their
own. They're the same size as common arcade controls (often referred to as 30mm diameter) but have some
nice things going for them that justify the extra dollar.
First, they look fantastic, all 6 colors have a crystal translucent glossy look. Although they do not have
LEDs built in, we're confident that sticking a diffused LED into the body would make it light up very
nicely. They are also shorter than cheap arcade controls, and snap into place, so you only need 1.5" of depth
(1.25" if you bend the contacts over). The button action is smooth, without a strong click, yet you can
definitely feel when the button is pressed. A tiny micro-switch is pre-installed, with gold plated contacts.


Similar Part No. - 473

ManufacturerPart #DatasheetDescription
logo
Littelfuse
473 LITTELFUSE-473 Datasheet
57Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
logo
France Joint
473 FRANCEJOINT-473 Datasheet
340Kb / 2P
WIPER SEALS
logo
English Chain Co. Ltd
473 05 ENGLISHCHAIN-473 05 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
473 06 ENGLISHCHAIN-473 06 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
473 08 ENGLISHCHAIN-473 08 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
More results

Similar Description - 473

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9001KR9R SCHNEIDER-9001KR9R Datasheet
89Kb / 1P
30mm Push Button, Type K, push pull operator, red mushroom cap
Aug 15, 2019
9001KR1RH13 SCHNEIDER-9001KR1RH13 Datasheet
174Kb / 6P
30mm Push Button, Type K, push button, full guard, red, 1 NO and 1 NC
Dec 6, 2021
9001KR67GR SCHNEIDER-9001KR67GR Datasheet
150Kb / 2P
30mm push button, Type K, momentary interlocked dual 30mm push button, green and red inserts, NEMA 4, 13
Dec 13, 2021
9001KR4R SCHNEIDER-9001KR4R Datasheet
145Kb / 2P
30mm Push Button, Type K, mushroom button operator, 1.375 inch diameter, plastic red cap
Dec 23, 2021
9001KR5R SCHNEIDER-9001KR5R Datasheet
136Kb / 2P
30mm Push Button, Type K, mushroom button operator, 2.25 inch diameter, plastic red cap
Dec 23, 2021
9001KR24R SCHNEIDER-9001KR24R Datasheet
107Kb / 2P
30MM MUSHROOM OPERATOR RED
Dec 23, 2021
logo
SparkFun Electronics
PRT-11317 SPARKFUN-PRT-11317 Datasheet
611Kb / 2P
Breadboard - Translucent Self-Adhesive (Red)
9??2??7
logo
Schneider Electric
9001K93R SCHNEIDER-9001K93R Datasheet
122Kb / 2P
30MM MUSHROOM BUTTON RED 57MM
Jan 20, 2022
9001R22 SCHNEIDER-9001R22 Datasheet
146Kb / 2P
30mm Push Button, Types K or SK, push pull mushroom cap, red
Jan 20, 2022
logo
SparkFun Electronics
SPX-15591 SPARKFUN-SPX-15591 Datasheet
366Kb / 2P
Qwiic Arcade - Red
8??3??9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com