Electronic Components Datasheet Search
  English  ▼

X  

475 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 475
Description  Arcade Button - 30mm Translucent Green
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

475 Datasheet(HTML) 1 Page - Adafruit Industries

  475 Datasheet HTML 1Page - Adafruit Industries 475 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Arcade Button - 30mm Translucent Green
PRODUCT ID: 475
Description
A button is a button, and a switch is a switch, but these translucent arcade buttons are in a class of their
own. They're the same size as common arcade controls (often referred to as 30mm diameter) but have some
nice things going for them that justify the extra dollar.
First, they look fantastic, all 6 colors have a crystal translucent glossy look. Although they do not have
LEDs built in, we're confident that sticking a diffused LED into the body would make it light up very
nicely. They are also shorter than cheap arcade controls, and snap into place, so you only need 1.5" of depth
(1.25" if you bend the contacts over). The button action is smooth, without a strong click, yet you can
definitely feel when the button is pressed. A tiny micro-switch is pre-installed, with gold plated contacts.
Technical Details
Weight: 12 grams


Similar Part No. - 475

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
475 MKS-475 Datasheet
273Kb / 4P
Convectron Vacuum Gauge Controller
logo
France Joint
475 FRANCEJOINT-475 Datasheet
361Kb / 2P
WIPER SEALS
logo
Advanced Technical Mate...
475-251-C3 ATM-475-251-C3 Datasheet
82Kb / 1P
STANDARD GAIN HORN
475-253-C1 ATM-475-253-C1 Datasheet
43Kb / 1P
OUTLINE, WRD475 WG-COAX ADAPTER TYPE-N
475-253-C2 ATM-475-253-C2 Datasheet
43Kb / 1P
OUTLINE, WRD475 WG-COAX ADAPTER TYPE-N
More results

Similar Description - 475

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9001K1L SCHNEIDER-9001K1L Datasheet
165Kb / 2P
30MM ILLUM PUSH BUTTON TRANSFORMER 120V
Dec 6, 2021
9001K2L SCHNEIDER-9001K2L Datasheet
142Kb / 2P
30MM ILLUM PUSH BUTTON OPERATOR
Dec 6, 2021
9001K2L1 SCHNEIDER-9001K2L1 Datasheet
124Kb / 2P
30MM ILLUM PUSH BUTTON TRANSFORMER 120V
Dec 6, 2021
9001KR67GR SCHNEIDER-9001KR67GR Datasheet
150Kb / 2P
30mm push button, Type K, momentary interlocked dual 30mm push button, green and red inserts, NEMA 4, 13
Dec 13, 2021
9001K3L35GH2Y238 SCHNEIDER-9001K3L35GH2Y238 Datasheet
151Kb / 1P
PUSH BUTTON 600VAC 10A 30MM TYPEK
Dec 20, 2021
9001KR9P35R21H2Y238 SCHNEIDER-9001KR9P35R21H2Y238 Datasheet
145Kb / 1P
PUSH BUTTON 600VAC 10A 30MM TYPEK
Dec 28, 2021
9001SKR2U SCHNEIDER-9001SKR2U Datasheet
97Kb / 4P
30MM PUSH BUTTON HEAD EXTENDED GUARD
Jan 12, 202
9001K93R SCHNEIDER-9001K93R Datasheet
122Kb / 2P
30MM MUSHROOM BUTTON RED 57MM
Jan 20, 2022
logo
SparkFun Electronics
SPX-15591 SPARKFUN-SPX-15591 Datasheet
366Kb / 2P
Qwiic Arcade - Red
8??3??9
SPX-15592 SPARKFUN-SPX-15592 Datasheet
112Kb / 2P
Qwiic Arcade - Blue
8??3??9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com