Electronic Components Datasheet Search
  English  ▼

X  

480 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 480
Description  Small Arcade Joystick
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

480 Datasheet(HTML) 1 Page - Adafruit Industries

  480 Datasheet HTML 1Page - Adafruit Industries 480 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Small Arcade Joystick PRODUCT ID: 480
Description
This snappy 8-way joystick beckons you to play with it! It is rugged, and not too large, reminiscent of a Pac
Man arcade cabinet. Unlike the potentiometer-based 2-axis and mini thumbsticks, this joystick uses 4 snap
microswitches so it's good if you want a directional control but not the best choice if you want proportional
output (that is, its either on/off not sensitive to small movement changes).


Similar Part No. - 480

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
480 ETC2-480 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Oscilent Corporation
480 OSCILENT-480 Datasheet
150Kb / 3P
HCMOS / TTL Output
logo
France Joint
480 FRANCEJOINT-480 Datasheet
376Kb / 5P
WIPER SEALS
logo
Mill-Max Mfg. Corp.
480-10-102-00-001000 MILL-MAX-480-10-102-00-001000 Datasheet
211Kb / 1P
INTERCONNECTS 2,54 Grid Solder Cup Headers and Sockets Single and Double Row
480-10-164-00-001000 MILL-MAX-480-10-164-00-001000 Datasheet
211Kb / 1P
INTERCONNECTS 2,54 Grid Solder Cup Headers and Sockets Single and Double Row
More results

Similar Description - 480

ManufacturerPart #DatasheetDescription
logo
GREATECS
JPN10K GREATECS-JPN10K Datasheet
369Kb / 3P
Joystick Potentiometer
logo
Grayhill, Inc
60A18-4-040S GRAYHILL-60A18-4-040S Datasheet
101Kb / 2P
SERIES 60A Joystick
67A-DF-3C-030C GRAYHILL-67A-DF-3C-030C Datasheet
470Kb / 2P
Hall Effect Joystick
67B1 GRAYHILL-67B1 Datasheet
1Mb / 4P
Hall Effect Joystick
logo
Copal Electronics
CJ25 COPAL-CJ25 Datasheet
98Kb / 3P
JOYSTICK ENCODER
CJ25-WH COPAL-CJ25-WH Datasheet
115Kb / 3P
JOYSTICK ENCODER
logo
SparkFun Electronics
COM-09032 SPARKFUN-COM-09032 Datasheet
111Kb / 1P
Thumb Joystick
3/22/2017
COM-09426 SPARKFUN-COM-09426 Datasheet
134Kb / 2P
Thumb Slide Joystick
8????7
SPX-15591 SPARKFUN-SPX-15591 Datasheet
366Kb / 2P
Qwiic Arcade - Red
8??3??9
SPX-15592 SPARKFUN-SPX-15592 Datasheet
112Kb / 2P
Qwiic Arcade - Blue
8??3??9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com