Electronic Components Datasheet Search
  English  ▼

X  

482 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 482
Description  Rugged Metal On/Off Switch with Green LED Ring - 16mm Green On/Off
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

482 Datasheet(HTML) 1 Page - Adafruit Industries

  482 Datasheet HTML 1Page - Adafruit Industries 482 Datasheet HTML 2Page - Adafruit Industries 482 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
 
 
 
Rugged Metal On/Off Switch with Green
LED Ring - 16mm Green On/Off
PRODUCT ID: 482
These chrome-plated metal buttons are rugged and look real good while doing
it! Simply drill a 16mm hole into any material up to 1/2" thick and you can fit
these in place, there's even a rubber gasket to keep water out of the enclosure.
On the front of the button is a flat metal actuator, surrounded by a green plastic
LED ring. On the back there are 3 contacts for the button (common, normally-
open and normally-closed) and 2 for the green LED ring (+ and -). Connect 3 to
6V to the LED to have it light up nicely, there's a built in resistor! If you want to
use this with a higher voltage, say 12V or 24V, simply add a 470 ohm resistor in
series with the LED connection to keep the LED current at around 20mA.


Similar Part No. - 482

ManufacturerPart #DatasheetDescription
logo
Littelfuse
482 LITTELFUSE-482 Datasheet
67Kb / 2P
Blade Terminal & Special Purpose Fuses
logo
Mallory performance clu...
482 MALLORY-482 Datasheet
68Kb / 2P
ADJUSTABLE FLANGE DISTRIBUTOR ADJUSTMENT
logo
List of Unclassifed Man...
482 ETC2-482 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Bi technologies
482 BITECH-482 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
logo
France Joint
482 FRANCEJOINT-482 Datasheet
383Kb / 5P
WIPER SEALS
More results

Similar Description - 482

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Princeton Technology Co...
PT6907 PTC-PT6907 Datasheet
179Kb / 4P
Linear Dimming LED Driver with Switch On/Off
PT6907 PTC-PT6907_10 Datasheet
113Kb / 4P
Linear Dimming LED Driver with Switch On/Off
logo
STMicroelectronics
SPC560PADPT100S STMICROELECTRONICS-SPC560PADPT100S Datasheet
59Kb / 4P
On/off power switch with LED indicators
13-Sep-2013
logo
SHANGHAI BELLING CO., L...
BL2557 BELLING-BL2557 Datasheet
501Kb / 2P
ON/OFF Switch
logo
MOSDESIGN SEMICONDUCTOR...
M1100 MOSDESIGN-M1100 Datasheet
134Kb / 2P
ON/OFF LED
2008-06-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com