Electronic Components Datasheet Search
  English  ▼

X  

559 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 559
Description  Rugged Metal Pushbutton with Red LED Ring - 16mm Red Momentary
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

559 Datasheet(HTML) 1 Page - Adafruit Industries

  559 Datasheet HTML 1Page - Adafruit Industries 559 Datasheet HTML 2Page - Adafruit Industries 559 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
 
 
Rugged Metal Pushbutton with Red LED
Ring - 16mm Red Momentary
PRODUCT ID: 559
These chrome-plated metal buttons are rugged and look real good while
doing it! Simply drill a 16mm hole into any material up to 1/2" thick and
you can fit these in place, there's even a rubber gasket to keep water out
of the enclosure. On the front of the button is a flat metal actuator,
surrounded by a red plastic LED ring. On the back there are 3 contacts for
the button (common, normally-open and normally-closed) and 2 for the
red LED ring (+ and -). Connect 3 to 6V to the LED to have it light up
nicely, there's a built in resistor! If you want to use this with a higher
voltage, say 12V or 24V, simply add a 470 ohm resistor in series with the
LED connection to keep the LED current at around 20mA.


Similar Part No. - 559

ManufacturerPart #DatasheetDescription
logo
Littelfuse
559 LITTELFUSE-559 Datasheet
117Kb / 1P
SUBMINIATURE FUSEHOLDERS
logo
Mallory performance clu...
559 MALLORY-559 Datasheet
95Kb / 4P
ELECTRONIC BREAKERLESS CONVERSION KIT
logo
France Joint
559 FRANCEJOINT-559 Datasheet
837Kb / 4P
PISTON SEALS
logo
Littelfuse
559 LITTELFUSE-559 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Dialight Corporation
559 DIALIGHT-559 Datasheet
33Kb / 1P
5mm LED Panel Mount Indicator High and Ultra Bright LEDs .250” Mounting Hole, Snap In Mounting
More results

Similar Description - 559

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPR800AS NICHIA-NSPR800AS Datasheet
272Kb / 15P
RED LED
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
logo
Siemens Semiconductor G...
3SB3500-0AA21 SIEMENS-3SB3500-0AA21 Datasheet
133Kb / 3P
22MM METAL ROUND ACTUATOR: PUSHBUTTON WITH FLAT BUTTON WITH HOLDER RED
logo
Marl International Limi...
NSPR510CS MARL-NSPR510CS Datasheet
200Kb / 15P
RED LED
logo
Roithner LaserTechnik G...
SMC680 ROITHNER-SMC680 Datasheet
575Kb / 3P
red led
logo
NICHIA CORPORATION
NCSR119BT-V1 NICHIA-NCSR119BT-V1 Datasheet
271Kb / 18P
RED LED
NCSR219BT-V1 NICHIA-NCSR219BT-V1 Datasheet
272Kb / 18P
RED LED
logo
KODENSHI_AUK CORP.
KP3528R63A1I-UM KODENSHI-KP3528R63A1I-UM Datasheet
124Kb / 5P
Red LED
logo
HARTING Technology Grou...
09-93-001-0502 HARTING-09-93-001-0502 Datasheet
491Kb / 2P
Han S-HA (16mm)-red Hood
logo
SparkFun Electronics
COM-09181 SPARKFUN-COM-09181 Datasheet
290Kb / 1P
Big Dome Pushbutton - Red
3/14/2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com