Electronic Components Datasheet Search
  English  ▼

X  

560 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 560
Description  Rugged Metal Pushbutton with Green LED Ring - 16mm Green Momentary
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

560 Datasheet(HTML) 1 Page - Adafruit Industries

  560 Datasheet HTML 1Page - Adafruit Industries 560 Datasheet HTML 2Page - Adafruit Industries 560 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
Rugged Metal Pushbutton with Green LED
Ring - 16mm Green Momentary
PRODUCT ID: 560
These chrome-plated metal buttons are rugged and look real good while doing
it! Simply drill a 16mm hole into any material up to 1/2" thick and you can fit
these in place, there's even a rubber gasket to keep water out of the enclosure.
On the front of the button is a flat metal actuator, surrounded by a green plastic
LED ring. On the back there are 3 contacts for the button (common, normally-
open and normally-closed) and 2 for the green LED ring (+ and -). Connect 3 to
6V to the LED to have it light up nicely, there's a built in resistor! If you want to
use this with a higher voltage, say 12V or 24V, simply add a 470 ohm resistor in
series with the LED connection to keep the LED current at around 20mA.


Similar Part No. - 560

ManufacturerPart #DatasheetDescription
logo
Littelfuse
560 LITTELFUSE-560 Datasheet
117Kb / 1P
SUBMINIATURE FUSEHOLDERS
logo
Mallory performance clu...
560 MALLORY-560 Datasheet
95Kb / 4P
ELECTRONIC BREAKERLESS CONVERSION KIT
logo
Productwell Precision E...
560 PRODUCTWELL-560 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
Intel Corporation
560 INTEL-560 Datasheet
1Mb / 96P
Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Oscilent Corporation
560 OSCILENT-560 Datasheet
134Kb / 2P
HCMOS / TTL
More results

Similar Description - 560

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
logo
Tyco Electronics
164EL11 MACOM-164EL11 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
logo
Tyco Electronics
2-1437569-0 MACOM-2-1437569-0 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-1 MACOM-2-1437569-1 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-2 MACOM-2-1437569-2 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-3 MACOM-2-1437569-3 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
COMMAND MACOM-COMMAND Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
logo
CIT Relay & Switch
BH16NRSZ12 CIT-BH16NRSZ12 Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
CH2LBNRB12 CIT-CH2LBNRB12 Datasheet
352Kb / 6P
Illuminated Pushbutton - 16mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com